| Moteur de recherche de fiches techniques de composants électroniques |
|
STE2002DIE2 Fiches technique(PDF) 32 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STE2002DIE2 Fiches technique(HTML) 32 Page - STMicroelectronics |
|
32 / 51 page ![]() STE2002 32/51 Figure 40. Application Schematic using the Internal LCD Voltage Generator and two separate supplies Figure 41. Application Schematic using the Internal LCD Voltage Generator and a single supply VDD2 VDD1 VDD2 I/O VDD1 VSS2 VSS1 VLCDSENSE VLCDOUT VLCDIN VSS 81x 128 DISPLAY 40 128 41 100nF 100nF 1 µF VDD VDD2 I/O VDD1 VSS2 VSS1 VLCDSENSE VLCDOUT VLCDIN VSS 81 x 128 DISPLAY 40 128 41 100nF 1 µF |