Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HT80C51 Fiches technique(PDF) 96 Page - List of Unclassifed Manufacturers

No de pièce HT80C51
Description  User Manual Document Information
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

HT80C51 Fiches technique(HTML) 96 Page - List of Unclassifed Manufacturers

Back Button HT80C51 Datasheet HTML 92Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 93Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 94Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 95Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 96Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 97Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 98Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 99Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 100Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 132 page
background image
Handshake Solutions
HT80C51 User Manual
80C51 Family Instruction Set – Instruction definitions
Page 96 of 132
© Philips Electronics N.V. 2005
ANL C,<src-bit>
Function: Logical-AND for bit variables
Description: If the Boolean value of the source bit is a logical 0 then clear the carry flag; otherwise leave the
carry flag in its current state. A slash (“/”) preceding the operand in the assembly language indi-
cates that the logical complement of the addressed bit is used as the source value, but the source
bit itself is not affected. No other flags are affected.
Only direct addressing is allowed for the source operand.
Example: Set the carry flag if, and only if, P1.0 = 1, ACC.7 = 1, and OV = 0:
MOV C,P1.0
;LOAD CARRY WITH INPUT PIN STATE
ANL C,ACC.7 ;AND CARRY WITH ACCUM. BIT 7
ANL C,/OV
;AND WITH INVERSE OF OVERFLOW FLAG
ANL C,bit
Bytes: 2
Cycles: 2
Encoding:
Operation: ANL
(C)
← (C) ∧ (bit)
ANL C,/bit
Bytes: 2
Cycles: 2
Encoding:
Operation: ANL
(C)
← (C) ∧ ¬(bit)
1
0
0
0
0
0
1
0
bit address
1
0
1
1
0
0
0
0
bit address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More