Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SOC-3000I Fiches technique(PDF) 74 Page - List of Unclassifed Manufacturers

No de pièce SOC-3000I
Description  Scale-On-Chip ASIC Technical Specification Rev.B1
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

SOC-3000I Fiches technique(HTML) 74 Page - List of Unclassifed Manufacturers

Back Button SOC-3000I Datasheet HTML 70Page - List of Unclassifed Manufacturers SOC-3000I Datasheet HTML 71Page - List of Unclassifed Manufacturers SOC-3000I Datasheet HTML 72Page - List of Unclassifed Manufacturers SOC-3000I Datasheet HTML 73Page - List of Unclassifed Manufacturers SOC-3000I Datasheet HTML 74Page - List of Unclassifed Manufacturers SOC-3000I Datasheet HTML 75Page - List of Unclassifed Manufacturers SOC-3000I Datasheet HTML 76Page - List of Unclassifed Manufacturers SOC-3000I Datasheet HTML 77Page - List of Unclassifed Manufacturers SOC-3000I Datasheet HTML 78Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 98 page
background image
CybraTech (2000) Ltd.
SOC-3000/i Scale-On-Chip
 ASIC
Technical Specification
Revision B
Page 66
July, 2002
Configuration Registers (CFR)” page 61.
3. Initialize the hardware controllers.
4. Enable the Global CFR Register: Write 0x00 to address C100H.
Controllers Clock Enable Register
Register C200H controls the clock source to the hardware controllers in the SOC-3000/i.
Each controller operation may be disabled by inhibiting its clock.
TABLE 34: CLOCK ENABLE REGISTER
ADDRESS
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
(LSB)
C200H
ADC
0
SLED
0
WDT
KBD
PLED
LCD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98