Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STE110NA20 Fiches technique(PDF) 6 Page - STMicroelectronics

No de pièce STE110NA20
Description  N - CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE110NA20 Fiches technique(HTML) 6 Page - STMicroelectronics

  STE110NA20 Datasheet HTML 1Page - STMicroelectronics STE110NA20 Datasheet HTML 2Page - STMicroelectronics STE110NA20 Datasheet HTML 3Page - STMicroelectronics STE110NA20 Datasheet HTML 4Page - STMicroelectronics STE110NA20 Datasheet HTML 5Page - STMicroelectronics STE110NA20 Datasheet HTML 6Page - STMicroelectronics STE110NA20 Datasheet HTML 7Page - STMicroelectronics STE110NA20 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Switching Safe Operating Area
Source-drain Diode Forward Characteristics
Fig. 1: Unclamped Inductive Load Test Circuit
Accidental Overload Area
Fig. 2: Unclamped Inductive Waveform
STE110NA20
6/8



Html Pages

1 2 3 4 5 6 7 8