Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

T84C5112-RKUEV Fiches technique(PDF) 60 Page - ATMEL Corporation

No de pièce T84C5112-RKUEV
Description  8-bit Microcontroller with A/D converter
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ATMEL [ATMEL Corporation]
Site Internet  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T84C5112-RKUEV Fiches technique(HTML) 60 Page - ATMEL Corporation

Back Button T84C5112-RKUEV Datasheet HTML 56Page - ATMEL Corporation T84C5112-RKUEV Datasheet HTML 57Page - ATMEL Corporation T84C5112-RKUEV Datasheet HTML 58Page - ATMEL Corporation T84C5112-RKUEV Datasheet HTML 59Page - ATMEL Corporation T84C5112-RKUEV Datasheet HTML 60Page - ATMEL Corporation T84C5112-RKUEV Datasheet HTML 61Page - ATMEL Corporation T84C5112-RKUEV Datasheet HTML 62Page - ATMEL Corporation T84C5112-RKUEV Datasheet HTML 63Page - ATMEL Corporation T84C5112-RKUEV Datasheet HTML 64Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 97 page
background image
60
Rev. B - November 10, 2000
Preliminary
T80C5112
Figure 28. ADC Description
Figure 29 shows the timing diagram of a complete conversion. For simplicity, the figure depicts the waveforms in
idealized form and do not provide precise timing information. For ADC characteristics and timing parameters refer
to the Section ÒAC CharacteristicsÓ of the T80C5112 datasheet.
Figure 29. Timing Diagram
NOTE:
Tsetup = 4 us
14.4. ADC Converter Operation
A start of single A/D conversion is triggered by setting bit ADSST (ADCON.3).
The busy flag ADSST(ADCON.3) remains set as long as an A/D conversion is running. After completion of the
A/D conversion, it is cleared by hardware. When a conversion is running, this flag can be read only, a write has
no effect.
AIN0/P4.0
AIN1/P4.1
AIN2/P4.2
AIN3/P4.3
AIN4/P4.4
AIN5/P4.5
AIN6/P4.6
AIN7/P4.7
000
001
010
011
100
101
110
111
SCH2
ADCON.2
SCH0
ADCON.0
SCH1
ADCON.1
CONV_CK
ADEN
ADCON.5
ADSST
ADCON.3
ADEOC
ADCON.4
ADC
Interrupt
Request
EADC
IE1.1
CONTROL
AVSS
Sample and Hold
ADDH
Vref
R/2R DAC
8
10
+
-
ADDL
2
SAR
ADCIN
VAGND
SELREF
ADCLK.7
2.4V
VADREF
ADEN
ADCON.5
ADEN
ADSST
ADEOC
TSETUP
TCONV
CONV_CK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97