Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

C167CS-4RM Fiches technique(PDF) 76 Page - Infineon Technologies AG

No de pièce C167CS-4RM
Description  16-Bit Single-Chip Microcontroller
PDF  517 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INFINEON [Infineon Technologies AG]
Site Internet  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C167CS-4RM Fiches technique(HTML) 76 Page - Infineon Technologies AG

Back Button C167CS-4RM Datasheet HTML 72Page - Infineon Technologies AG C167CS-4RM Datasheet HTML 73Page - Infineon Technologies AG C167CS-4RM Datasheet HTML 74Page - Infineon Technologies AG C167CS-4RM Datasheet HTML 75Page - Infineon Technologies AG C167CS-4RM Datasheet HTML 76Page - Infineon Technologies AG C167CS-4RM Datasheet HTML 77Page - Infineon Technologies AG C167CS-4RM Datasheet HTML 78Page - Infineon Technologies AG C167CS-4RM Datasheet HTML 79Page - Infineon Technologies AG C167CS-4RM Datasheet HTML 80Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 517 page
background image
C167CS
Derivatives
The Central Processing Unit (CPU)
User’s Manual
4-26
V2.0, 2000-07
Figure 4-7
Register Bank Selection via Register CP
Several addressing modes use register CP implicitly for address calculations. The
addressing modes mentioned below are described in Chapter 24.
Short 4-Bit GPR Addresses (mnemonic: Rw or Rb) specify an address relative to the
memory location specified by the contents of the CP register, i.e. the base of the current
register bank.
Depending on whether a relative word (Rw) or byte (Rb) GPR address is specified, the
short 4-bit GPR address is either multiplied by two or not before it is added to the
content of register CP (see Figure 4-8). Thus, both byte and word GPR accesses are
possible in this way.
GPRs used as indirect address pointers are always accessed wordwise. For some
instructions only the first four GPRs can be used as indirect address pointers. These
GPRs are specified via short 2-bit GPR addresses. The respective physical address
calculation is identical to that for the short 4-bit GPR addresses.
Short 8-Bit Register Addresses (mnemonic: reg or bitoff) within a range from F0H to
FFH interpret the four least significant bits as short 4-bit GPR address, while the four
most significant bits are ignored. The respective physical GPR address calculation is
identical to that for the short 4-bit GPR addresses. For single bit accesses on a GPR, the
GPR’s word address is calculated as just described, but the position of the bit within the
word is specified by a separate additional 4-bit value.
MCD02003
R0
R1
R2
R3
R4
R5
R6
R7
R8
R9
R10
R11
R12
R13
R14
R15
Context
Pointer
(CP) + 30
(CP) + 28
(CP) + 2
(CP)
Internal RAM
.
.
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More