| Moteur de recherche de fiches techniques de composants électroniques |
|
T89C51CC02CA-RATIM Fiches technique(PDF) 135 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
T89C51CC02CA-RATIM Fiches technique(HTML) 135 Page - ATMEL Corporation |
|
135 / 145 page ![]() 134 T89C51CC02 4126D–CAN–05/03 Ordering Information Factory default programming for T89C51CC02CA-xxxx is Bootloader CAN and HSB = BBh: • X1 mode • BLJB = 0 : jump to Bootloader • LB2 = 0 : Security Level 3. (1) Factory default programming for T89C51CC02UA-xxxx is Bootloader UART and HSB = BBh: • X1 mode • BLJB = 0 : jump to Bootloader • LB2 = 0 : Security Level 3. (1) Notes: 1. LB2 = 0 is not described in Table 22 Program load bit. LB2 = 0 is equivalent to LB1 = 0: Security Level 3. 2. Customer can change these modes by re-programming with a parallel programmer, this can be done by an Atmel distributor. Part Number Bootloader Temperature Range Package Packing T89C51CC02CA-RATIM CAN (2) Industrial VQFP32 Tray T89C51CC02CA-SISIM CAN (2) Industrial PLCC28 Stick T89C51CC02CA-TDSIM CAN (2) Industrial SOIC24 Stick T89C51CC02CA-TISIM CAN (2) Industrial SOIC28 Stick T89C51CC02UA-RATIM UART (2) Industrial VQFP32 Tray T89C51CC02UA-SISIM UART (2) Industrial PLCC28 Stick T89C51CC02UA-TDSIM UART (2) Industrial SOIC24 Stick T89C51CC02UA-TISIM UART (2) Industrial SOIC28 Stick |