Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STD8N06 Fiches technique(PDF) 9 Page - STMicroelectronics

No de pièce STD8N06
Description  N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD8N06 Fiches technique(HTML) 9 Page - STMicroelectronics

Back Button STD8N06 Datasheet HTML 2Page - STMicroelectronics STD8N06 Datasheet HTML 3Page - STMicroelectronics STD8N06 Datasheet HTML 4Page - STMicroelectronics STD8N06 Datasheet HTML 5Page - STMicroelectronics STD8N06 Datasheet HTML 6Page - STMicroelectronics STD8N06 Datasheet HTML 7Page - STMicroelectronics STD8N06 Datasheet HTML 8Page - STMicroelectronics STD8N06 Datasheet HTML 9Page - STMicroelectronics STD8N06 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
2.2
2.4
0.086
0.094
A1
0.9
1.1
0.035
0.043
A2
0.03
0.23
0.001
0.009
B
0.64
0.9
0.025
0.035
B2
5.2
5.4
0.204
0.212
C
0.45
0.6
0.017
0.023
C2
0.48
0.6
0.019
0.023
D
6
6.2
0.236
0.244
E
6.4
6.6
0.252
0.260
G
4.4
4.6
0.173
0.181
H
9.35
10.1
0.368
0.397
L2
0.8
0.031
L4
0.6
1
0.023
0.039
H
D
L2
L4
DETAIL ”A”
DETAIL ”A”
TO-252 (DPAK) MECHANICAL DATA
0068772-B
STD8N06
9/10



Html Pages

1 2 3 4 5 6 7 8 9 10