| Moteur de recherche de fiches techniques de composants électroniques |
|
C511 Fiches technique(PDF) 11 Page - Siemens Semiconductor Group |
|
|
|||||||||||||||||||||||||||||
C511 Fiches technique(HTML) 11 Page - Siemens Semiconductor Group |
|
11 / 128 page ![]() Semiconductor Group 1-6 Introduction Figure 1-7 P-MQFP-44 Package Pin Configuration of the C513A (Top View) If the C513A-H is used in programming mode, the pin configuration is different to figure 1-6 or figure 1-7. (see figure 9-2) If the C513A-H is used in programming mode, the pin definitions and functions are different to table 1-2 (see table 9-1). |