| Moteur de recherche de fiches techniques de composants électroniques |
|
AT91SAM7A2-AI Fiches technique(PDF) 25 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT91SAM7A2-AI Fiches technique(HTML) 25 Page - ATMEL Corporation |
|
25 / 369 page ![]() 25 PRELIMINARY AT91SAM7A2 6021A–ATARM–07/04 User Interface Each individual MPIO is associated with a bit position in the PIO controller user interface registers. Each of these registers is 32 bits wide. If a parallel I/O line is not defined, writ- ing to the corresponding bit has no effect. Undefined bits read zero. Multi-driver (Open Drain) Each PIO can be programmed for a multi-driver option. This means that the PIO is con- figured as open drain (can only drive a low level) in order to support external drivers on the same pin. An external pull-up is necessary to guarantee a logic level (logical one) when the pin is not being driven. The Peripheral_MDER (Multi-Driver Enable) and Peripheral_MDDR (Multi-Driver Disable) registers control this option. The Multi-driver can be selected whether the I/O pin is controlled by the PIO controller or the peripheral controller. Peripheral_MDSR (Multi-driver Status) indicates which pins are configured to support external drivers. MPIO Block Diagram Figure 8. Parallel I/O Block 0 1 1 00 0 1 0 1 0 Peripheral_OSR Peripheral_PSR Peripheral_SODR Peripheral_MDSR Peripheral_PSR Peripheral_PDSR Peripheral_SR Peripheral_IMR Peripheral Output Enable Peripheral Output Peripheral Input Peripheral Input Peripheral_int Peripheral Controller Pad Output Enable Pad Output Pad Input Synchro Resynch Event Trig |