Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

8031AH Fiches technique(PDF) 2 Page - Intel Corporation

No de pièce 8031AH
Description  NMOS SINGLE-CHIP 8-BIT MICROCONTROLLERS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTEL [Intel Corporation]
Site Internet  http://www.intel.com
Logo INTEL - Intel Corporation

8031AH Fiches technique(HTML) 2 Page - Intel Corporation

  8031AH_95 Datasheet HTML 1Page - Intel Corporation 8031AH_95 Datasheet HTML 2Page - Intel Corporation 8031AH_95 Datasheet HTML 3Page - Intel Corporation 8031AH_95 Datasheet HTML 4Page - Intel Corporation 8031AH_95 Datasheet HTML 5Page - Intel Corporation 8031AH_95 Datasheet HTML 6Page - Intel Corporation 8031AH_95 Datasheet HTML 7Page - Intel Corporation 8031AH_95 Datasheet HTML 8Page - Intel Corporation 8031AH_95 Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
AUTOMOTIVE MICROCONTROLLER MCS
51
PRODUCT OPTIONS
Intel’s extended and automotive temperature range
products are designed to meet the needs of those
applications whose operating requirements exceed
commercial standards
With the commercial standard temperature range
operational characteristics are guaranteed over the
temperature range of 0 Cto a70 C ambient With
the extended temperature range option operational
characteristics are guaranteed over the temperature
range of b40 Cto a85 C ambient For the automo-
tive temperature range option operational charac-
teristics are guaranteed over the temperature range
of b40 Cto a110 C ambient
The automotive extended and commercial temper-
ature versions of the MCS 51 microcontroller prod-
uct families are available with or without burn-in op-
tions
270499 – 1
Example
P 80A51AH indicates an automotive temperature range version of the 8051AH in a PDIP package with 4 Kbyte ROM
program memory
Figure 1 MCS
51 Microcontroller Product Family Nomenclature
Table 1 Temperature Options
Temperature
Temperature
Operating
Burn-In
Classification
Designation
Temperature
Option
C Ambient
Extended
T
b
40 to a85
Standard
L
b
40 to a85
Extended
Automotive
A
b
40 to a110
Standard
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11