Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADE7169ASTZF16 Fiches technique(PDF) 17 Page - Analog Devices

No de pièce ADE7169ASTZF16
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC and LCD driver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADE7169ASTZF16 Fiches technique(HTML) 17 Page - Analog Devices

Back Button ADE7169ASTZF16 Datasheet HTML 13Page - Analog Devices ADE7169ASTZF16 Datasheet HTML 14Page - Analog Devices ADE7169ASTZF16 Datasheet HTML 15Page - Analog Devices ADE7169ASTZF16 Datasheet HTML 16Page - Analog Devices ADE7169ASTZF16 Datasheet HTML 17Page - Analog Devices ADE7169ASTZF16 Datasheet HTML 18Page - Analog Devices ADE7169ASTZF16 Datasheet HTML 19Page - Analog Devices ADE7169ASTZF16 Datasheet HTML 20Page - Analog Devices ADE7169ASTZF16 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 148 page
background image
Preliminary Technical Data
ADE75xx/ADE71xx
Rev. PrE | Page 17 of 148
Table 8. UART Timing (Shift Register Mode) Parameter
4.09612.58 MHz Core_Clk
Variable Core_Clk
Min
Typ
Max
Min
Typ
Max
Unit
TXLXL
Serial Port Clock Cycle Time
2.93
12tcore
μs
TQVXH
Output Data Setup to Clock
TBD
μs
TDVXH
Input Data Setup to Clock
TBD
μs
TXHDX
Input Data Hold after Clock
TBD
μs
TXHQX
Output Data Hold after Clock
TBD
μs
SET RI
OR
SET TI
BIT 6
tXLXL
TxD
(OUTPUT CLOCK)
RxD
(OUTPUT DATA)
RxD
(INPUT DATA)
BIT 1
LSB
LSB
BIT 1
BIT 6
MSB
tXHQX
tQVXH
tDVXH
tXHDX
Figure 8. UART Timing in Shift Register Mode
SCLK
CS
t1
t10
t13
0
0
A4
A5
A3
A2
A1
A0
DB0
DB7
DB0
DB7
DIN
DOUT
t11
t11
t12
COMMAND BYTE
MOST SIGNIFICANT BYTE
LEAST SIGNIFICANT BYTE
t9
02875-0-083



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More