Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADE7569 Fiches technique(PDF) 6 Page - Analog Devices

No de pièce ADE7569
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC and LCD driver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADE7569 Fiches technique(HTML) 6 Page - Analog Devices

Back Button ADE7569 Datasheet HTML 2Page - Analog Devices ADE7569 Datasheet HTML 3Page - Analog Devices ADE7569 Datasheet HTML 4Page - Analog Devices ADE7569 Datasheet HTML 5Page - Analog Devices ADE7569 Datasheet HTML 6Page - Analog Devices ADE7569 Datasheet HTML 7Page - Analog Devices ADE7569 Datasheet HTML 8Page - Analog Devices ADE7569 Datasheet HTML 9Page - Analog Devices ADE7569 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 148 page
background image
ADE75xx/ADE71xx
Preliminary Technical Data
Rev. PrE | Page 6 of 148
UART SFR register list ............................................................. 123
UART operation modes........................................................... 126
Mode 0 (Shift Register with baud rate fixed at Fcore /12)
................................................................................................. 126
Mode 1 (8-Bit UART, Variable Baud Rate)........................ 126
Mode 2 (9- bit UART with baud fixed at Fcore/64 or Fcore/32)
................................................................................................. 126
Mode 3 (9-Bit UART with Variable Baud Rate) ............... 127
UART Baud Rate Generation.................................................. 127
Mode 0 Baud Rate Generation ........................................... 127
Mode 2 Baud Rate Generation ........................................... 127
Modes 1 and 3 Baud Rate Generation ............................... 127
Timer 1 Generated Baud Rates........................................... 127
Timer 2 Generated Baud Rates........................................... 127
UART Timer Generated Baud Rates.................................. 128
UART additional features........................................................ 129
Enhanced Error Checking................................................... 129
UART TxD signal modulation ........................................... 129
Serial Peripheral Interface Interface (SPI)................................. 130
SPI SFR register list .................................................................. 130
SPI pins ...................................................................................... 132
MISO (Master In, Slave Out Data I/O Pin) ...................... 132
MOSI (Master Out, Slave In Pin) ....................................... 132
SCLK (Serial Clock I/O Pin)............................................... 132
SS (Slave Select Pin) ............................................................. 133
SPI Master Operating Modes.................................................. 133
SPI Interrupt and Status Flags ................................................ 134
I2C COMPATIBLE INTERFACE ............................................... 136
Serial Clock Generation .......................................................... 136
Slave addresses .......................................................................... 136
I2C SFR register list.................................................................. 136
Read and Write Operations..................................................... 137
I2C Receive and Transmit FIFOs ........................................... 138
Dual Data Pointers ....................................................................... 139
I/O Ports ........................................................................................ 141
Parallel I/O ................................................................................ 141
Weak Internal Pullups Enabled .......................................... 141
Open Drain (Weak Internal Pull-ups Disabled).............. 141
38 kHz Modulation .............................................................. 141
I/O SFR register list.................................................................. 142
Port 0.......................................................................................... 145
Port 1.......................................................................................... 146
Port 2.......................................................................................... 146
Outline Dimensions ..................................................................... 147
selection Guide ............................................................................. 148
Ordering Guide............................................................................. 148



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More