| Moteur de recherche de fiches techniques de composants électroniques |
|
ADE7166 Fiches technique(PDF) 140 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADE7166 Fiches technique(HTML) 140 Page - Analog Devices |
|
140 / 148 page ![]() ADE75xx/ADE71xx Preliminary Technical Data Rev. PrE | Page 140 of 148 Whenever the DPTR is mentioned elsewhere in this data sheet, active DPTR is implied. • Only the MOVC/MOVX @DPTR instructions automatically post-increment and post-decrement the DPTR. Other MOVC/MOVX instructions, such as MOVC PC or MOVC @Ri, do not cause the DPTR to automatically post-increment and post-decrement. To illustrate the operation of DPCON, the following code copies 256 bytes of code memory at Address D000H into XRAM, starting from Address 0000H. MOV DPTR,#0 ;Main DPTR = 0 MOV DPCON,#55H ;Select shadow DPTR ;DPTR1 increment mode ;DPTR0 increment mode ;DPTR auto toggling ON MOV DPTR,#0D000H ;DPTR = D000H MOVELOOP: CLR A MOVC A,@A+DPTR ;Get data ;Post Inc DPTR ;Swap to Main DPTR(Data) MOVX @DPTR,A ;Put ACC in XRAM ;Increment main DPTR ;Swap Shadow DPTR(Code) MOV A, DPL JNZ MOVELOOP |