| Moteur de recherche de fiches techniques de composants électroniques |
|
PVC10182 Fiches technique(PDF) 3 Page - Cornell Dubilier Electronics |
|
|
|||||||||||||||||||||||||||||
PVC10182 Fiches technique(HTML) 3 Page - Cornell Dubilier Electronics |
|
3 / 6 page ![]() CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com Type PVC Polyester and Polypropylene Film/Foil Capacitors CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com Inches Millimeters Catalog Cap L Dia S L Dia S Part Number (µF) Max Max Lead Spacing ∅d Max Max Lead Spacing ∅d 200 Vdc / 140 Vac PVC2168 0.068 1.2 0.38 0.969 0.032 30.5 9.7 24.6 0.8 PVC2182 0.082 1.2 0.40 0.969 0.032 30.5 10.2 24.6 0.8 PVC201 0.10 1.2 0.40 0.969 0.032 30.5 10.2 24.6 0.8 PVC2015 0.15 1.2 0.45 0.969 0.032 30.5 11.4 24.6 0.8 PVC2022 0.22 1.2 0.50 0.969 0.032 30.5 12.7 24.6 0.8 PVC2025 0.25 1.2 0.50 0.969 0.032 30.5 12.7 24.6 0.8 PVC2027 0.27 1.6 0.47 1.344 0.032 40.6 11.9 34.1 0.8 PVC2033 0.33 1.6 0.47 1.344 0.032 40.6 11.9 34.1 0.8 PVC2047 0.47 1.6 0.56 1.344 0.032 40.6 14.2 34.1 0.8 PVC205 0.50 1.6 0.56 1.344 0.032 40.6 14.2 34.1 0.8 400 Vdc / 200 Vac PVC421 0.0010 0.7 0.30 0.500 0.032 17.8 7.6 12.7 0.8 PVC4222 0.0022 0.7 0.30 0.500 0.032 17.8 7.6 12.7 0.8 PVC4233 0.0033 0.7 0.30 0.500 0.032 17.8 7.6 12.7 0.8 PVC4247 0.0047 0.7 0.30 0.500 0.032 17.8 7.6 12.7 0.8 PVC4268 0.0068 0.7 0.33 0.500 0.032 17.8 8.4 12.7 0.8 PVC411 0.010 0.7 0.35 0.500 0.032 17.8 8.9 12.7 0.8 PVC412 0.020 0.9 0.39 0.688 0.032 22.9 9.9 17.5 0.8 PVC4133 0.033 0.9 0.40 0.688 0.032 22.9 10.2 17.5 0.8 PVC4147 0.047 1.2 0.40 0.969 0.032 30.5 10.2 24.6 0.8 PVC415 0.050 1.2 0.45 0.969 0.032 30.5 11.4 24.6 0.8 PVC4156 0.056 1.2 0.45 0.969 0.032 30.5 11.4 24.6 0.8 PVC4168 0.068 1.2 0.45 0.969 0.032 30.5 11.4 24.6 0.8 PVC4182 0.082 1.2 0.52 0.969 0.032 30.5 13.2 24.6 0.8 PVC401 0.10 1.2 0.53 0.969 0.032 30.5 13.5 24.6 0.8 PVC4015 0.15 1.2 0.57 0.969 0.032 30.5 14.5 24.6 0.8 PVC4018 0.18 1.6 0.60 1.344 0.032 40.6 15.2 34.1 0.8 PVC4022 0.22 1.6 0.60 1.344 0.032 40.6 15.2 34.1 0.8 PVC4025 0.25 1.6 0.65 1.344 0.032 40.6 16.5 34.1 0.8 PVC4033 0.33 1.6 0.65 1.344 0.032 40.6 16.5 34.1 0.8 PVC4039 0.39 1.6 0.72 1.344 0.032 40.6 18.3 34.1 0.8 PVC4047 0.47 1.6 0.80 1.344 0.032 40.6 20.3 34.1 0.8 600 Vdc / 200 Vac PVC621 0.0010 0.7 0.30 0.500 0.032 17.8 7.6 12.7 0.8 PVC6212 0.0012 0.7 0.33 0.500 0.032 17.8 8.4 12.7 0.8 PVC6215 0.0015 0.7 0.33 0.500 0.032 17.8 8.4 12.7 0.8 PVC6218 0.0018 0.7 0.33 0.500 0.032 17.8 8.4 12.7 0.8 PVC622 0.0020 0.7 0.33 0.500 0.032 17.8 8.4 12.7 0.8 PVC6222 0.0022 0.7 0.33 0.500 0.032 17.8 8.4 12.7 0.8 PVC6225 0.0025 0.7 0.34 0.500 0.032 17.8 8.6 12.7 0.8 PVC6227 0.0027 0.7 0.35 0.500 0.032 17.8 8.9 12.7 0.8 PVC623 0.0030 0.7 0.35 0.500 0.032 17.8 8.9 12.7 0.8 PVC6233 0.0033 0.7 0.35 0.500 0.032 17.8 8.9 12.7 0.8 PVC6239 0.0039 0.7 0.38 0.500 0.032 17.8 9.7 12.7 0.8 PVC624 0.0040 0.7 0.38 0.500 0.032 17.8 9.7 12.7 0.8 PVC6247 0.0047 0.7 0.38 0.500 0.032 17.8 9.7 12.7 0.8 PVC625 0.0050 0.7 0.38 0.500 0.032 17.8 9.7 12.7 0.8 PVC6256 0.0056 0.7 0.40 0.500 0.032 17.8 10.2 12.7 0.8 RoHS Compliant |