Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

E21 Fiches technique(PDF) 3 Page - List of Unclassifed Manufacturers

No de pièce E21
Description  Thermal Cutouts Temperature Protection for Electronics
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

E21 Fiches technique(HTML) 3 Page - List of Unclassifed Manufacturers

  E21 Datasheet HTML 1Page - List of Unclassifed Manufacturers E21 Datasheet HTML 2Page - List of Unclassifed Manufacturers E21 Datasheet HTML 3Page - List of Unclassifed Manufacturers E21 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
HOUSINGS
Style
Description
G 254
E 18
Ø 16x5
Al black
as E 18
but without mounting flange
G 700
E 05
SW10x3,7
M4x6
Al black
threaded stud mounting
G 701
E 05
as E 05 G 800
however only 1 wire connection Ø 1.5
G 702
E 05
Ø 12x3,5
M4x6
CuZn
threaded stud mounting
G 703
E 11
Ø 16x4,8
M4x6
Al black
threaded stud with solid
wire leads
G 707
E 11
Ø 15,7x4,4
M5x6
CuZn
central fixing
G 711
E 11
as G 703
but with leads
G 714
E 21
SW12x4,8
M4x5
CuZn
threaded stud
G 716
E 21
as G 703
but with 2.8x0.5 tabs
G 718
E 11
SW 16x4,8
M4x10
Al black
threaded stud and
leads
G 722
E 18
as E 18
but with narrow flange
G 723
E 18
as E 18
but with 2.8x0.5 tabs
G 724
E 18
as E 18
but with narrow flange and 2,8x0,5 tabs
G 726
E 11
Ø 16x4,8
M4x6
Al black
threaded stud and
leads
E 05
G 800
E 11
tinned Cu lead wires
E 21



Html Pages

1 2 3 4