| Moteur de recherche de fiches techniques de composants électroniques |
|
V54C365804VC Fiches technique(PDF) 23 Page - Mosel Vitelic, Corp |
|
|
|||||||||||||||||||||||||||||
V54C365804VC Fiches technique(HTML) 23 Page - Mosel Vitelic, Corp |
|
23 / 54 page ![]() 23 V54C365804VC Rev. 0.6 September 1999 MOSEL VITELIC V54C365804VC 8.1 Termination of a Full Page Burst Read Operation (CAS latency = 2, 3, 4) 8.2 Termination of a Full Page Burst Write Operation (CAS latency = 2, 3, 4) COMMAND READ A NOP NOP NOP Burst NOP NOP NOP NOP tCK2, I/O’s CAS latency = 2 tCK3, I/O’s CAS latency = 3 tCK4, I/O’s CAS latency = 4 Stop CLK T0 T2 T1 T3 T4 T5 T6 T7 T8 The burst ends after a delay equal to the CAS latency. DOUT A0 DOUT A1 DOUT A2 DOUT A3 DOUT A0 DOUT A1 DOUT A2 DOUT A3 DOUT A0 DOUT A1 DOUT A2 DOUT A3 COMMAND NOP WRITE A NOP NOP Burst NOP NOP NOP NOP DIN A0 DIN A1 DIN A2 Stop CLK T0 T2 T1 T3 T4 T5 T6 T7 T8 Input data for the Write is masked. I/O’s CAS latency = 2,3,4 don’t care |