| Moteur de recherche de fiches techniques de composants électroniques |
|
AT89C55WD Fiches technique(PDF) 13 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT89C55WD Fiches technique(HTML) 13 Page - ATMEL Corporation |
|
13 / 37 page ![]() 13 AT89C55WD 1921B–MICRO–09/02 Figure 6. Timer 2 Auto Reload Mode (DCEN = 0) Table 6. T2MOD – Timer 2 Mode Control Register T2MOD Address = 0C9H Reset Value = XXXX XX00B Not Bit Addressable –––––– T2OE DCEN Bit 76543210 Symbol Function – Not implemented, reserved for future T2OE Timer 2 Output Enable bit DCEN When set, this bit allows Timer 2 to be configured as an up/down counter OSC EXF2 TF2 T2EX PIN T2 PIN TR2 EXEN2 C/T2 = 0 C/T2 = 1 CONTR OL RELO AD CONTROL TRANSITION DETECTOR TIMER 2 INTERRUPT ÷12 RCAP2L RCAP2H TH2 TL2 OVERFLOW |