Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AT89C51RC2-3CSIM Fiches technique(PDF) 67 Page - ATMEL Corporation

No de pièce AT89C51RC2-3CSIM
Description  Microcontroller with 16K/32K Bytes Flash
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ATMEL [ATMEL Corporation]
Site Internet  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51RC2-3CSIM Fiches technique(HTML) 67 Page - ATMEL Corporation

Back Button AT89C51RC2-3CSIM Datasheet HTML 63Page - ATMEL Corporation AT89C51RC2-3CSIM Datasheet HTML 64Page - ATMEL Corporation AT89C51RC2-3CSIM Datasheet HTML 65Page - ATMEL Corporation AT89C51RC2-3CSIM Datasheet HTML 66Page - ATMEL Corporation AT89C51RC2-3CSIM Datasheet HTML 67Page - ATMEL Corporation AT89C51RC2-3CSIM Datasheet HTML 68Page - ATMEL Corporation AT89C51RC2-3CSIM Datasheet HTML 69Page - ATMEL Corporation AT89C51RC2-3CSIM Datasheet HTML 70Page - ATMEL Corporation AT89C51RC2-3CSIM Datasheet HTML 71Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 127 page
background image
67
AT89C51RB2/RC2
4180C–8051–12/03
Table 53. KBLS Register
KBLS - Keyboard Level Selector Register (9Ch)
Reset Value = 0000 0000b
76
54
32
1
0
KBLS7
KBLS6
KBLS5
KBLS4
KBLS3
KBLS2
KBLS1
KBLS0
Bit
Number
Bit
Mnemonic
Description
7KBLS7
Keyboard Line 7 Level Selection Bit
Cleared to enable a low level detection on Port line 7.
Set to enable a high level detection on Port line 7.
6KBLS6
Keyboard Line 6 Level Selection Bit
Cleared to enable a low level detection on Port line 6.
Set to enable a high level detection on Port line 6.
5KBLS5
Keyboard Line 5 Level Selection Bit
Cleared to enable a low level detection on Port line 5.
Set to enable a high level detection on Port line 5.
4KBLS4
Keyboard Line 4 Level Selection Bit
Cleared to enable a low level detection on Port line 4.
Set to enable a high level detection on Port line 4.
3KBLS3
Keyboard Line 3 Level Selection Bit
Cleared to enable a low level detection on Port line 3.
Set to enable a high level detection on Port line 3.
2KBLS2
Keyboard Line 2 Level Selection Bit
Cleared to enable a low level detection on Port line 2.
Set to enable a high level detection on Port line 2.
1KBLS1
Keyboard Line 1 Level Selection Bit
Cleared to enable a low level detection on Port line 1.
Set to enable a high level detection on Port line 1.
0KBLS0
Keyboard Line 0 Level Selection Bit
Cleared to enable a low level detection on Port line 0.
Set to enable a high level detection on Port line 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More