Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN331M025ST Fiches technique(PDF) 4 Page - Cornell Dubilier Electronics

No de pièce SN331M025ST
Description  85 쨘C Non-Polar Aluminum Electrolytic Capacitors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CDE [Cornell Dubilier Electronics]
Site Internet  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

SN331M025ST Fiches technique(HTML) 4 Page - Cornell Dubilier Electronics

  SN331M025ST Datasheet HTML 1Page - Cornell Dubilier Electronics SN331M025ST Datasheet HTML 2Page - Cornell Dubilier Electronics SN331M025ST Datasheet HTML 3Page - Cornell Dubilier Electronics SN331M025ST Datasheet HTML 4Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
Type SN 85 ºC Non-Polar Aluminum Electorlytic Capacitors
Ratings
Max ESR Max Ripple
Catalog
120 Hz
120 Hz
Size in. (mm)
Cap
Part Number
+25 ºC
+85 ºC
Diameter
Length
Lead Space Lead Dia.
(µF)
(Ω)
(mA)
(D)
(L)
(S)
(d)
100 WVNP (125 VNP Surge)
0.5
SNR47M100ST
282.33
14
.197 (5.0) .433 (11.0)
.079 (2.0)
.0197 (0.5)
1.0
SN010M100ST
132.70
21
.197 (5.0) .433 (11.0)
.098 (2.5)
.0197 (0.5)
2.2
SN2R2M100ST
60.32
34
.236 (6.0) .433 (11.0)
.098 (2.5)
.0197 (0.5)
3.3
SN3R3M100ST
40.21
49
.315 (8.0) .453 (11.5)
.138 (3.5)
.0197 (0.5)
4.7
SN4R7M100ST
28.23
58
.315 (8.0) .453 (11.5)
.138 (3.5)
.0197 (0.5)
10.0
SN100M100ST
13.27
100
.394 (10.0) .472 (12.0)
.197 (5.0)
.0236 (0.6)
22
SN220M100ST
6.03
180
.512 (13.0) .787 (20.0)
.197 (5.0)
.0236 (0.6)
33
SN330M100ST
4.02
220
.512 (13.0) .787 (20.0)
.197 (5.0)
.0236 (0.6)
47
SN470M100ST
2.82
285
.512 (13.0) .984 (25.0)
.295 (7.5)
.0315 (0.8)
100
SN101M100ST
1.33
510
.630 (16.0) 1.26 (32.0)
.295 (7.5)
.0315 (0.8)



Html Pages

1 2 3 4