| Moteur de recherche de fiches techniques de composants électroniques |
|
AT89C51CC03U-RDTIM Fiches technique(PDF) 33 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT89C51CC03U-RDTIM Fiches technique(HTML) 33 Page - ATMEL Corporation |
|
33 / 183 page ![]() 33 AT89C51CC03 4182B–CAN–09/03 Reset Output As detailed in Section “Watchdog Timer”, page 82, the WDT generates a 96-clock period pulse on the RST pin. In order to properly propagate this pulse to the rest of the application in case of external capacitor or power-supply supervisor circuit, a 1 k Ω resis- tor must be added as shown Figure 18. Figure 18. Recommended Reset Output Schematic RST VDD + VSS VDD RST 1K To other on-board circuitry AT89C51CC03 |