| Moteur de recherche de fiches techniques de composants électroniques |
|
AT89C51IC2-SLSCM Fiches technique(PDF) 84 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT89C51IC2-SLSCM Fiches technique(HTML) 84 Page - ATMEL Corporation |
|
84 / 146 page ![]() 84 AT89C51IC2 4301A–8051–01/04 2-wire Interface (TWI) This section describes the 2-wire interface. In the rest of the section SSLC means Two- wire. The 2-wire bus is a bi-directional 2-wire serial communication standard. It is designed primarily for simple but efficient integrated circuit (IC) control. The system is comprised of two lines, SCL (Serial Clock) and SDA (Serial Data) that carry information between the ICs connected to them. The serial data transfer is limited to 400Kbit/s in standard mode. Various communication configuration can be designed using this bus. Figure 35 shows a typical 2-wire bus configuration. All the devices connected to the bus can be master and slave. Figure 35. 2-wire Bus Configuration SCL SDA device2 device1 deviceN device3 ... |