| Moteur de recherche de fiches techniques de composants électroniques |
|
381EL331M350A032 Fiches technique(PDF) 5 Page - Cornell Dubilier Electronics |
|
|
|||||||||||||||||||||||||||||
381EL331M350A032 Fiches technique(HTML) 5 Page - Cornell Dubilier Electronics |
|
5 / 5 page ![]() CDM Cornell Dubilier • 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800 • www.cde.com Type 381EL 105 ºC Ultra-Long Life Snap-In, Aluminum ESR Max @ 25º C 120 Hz 20 kHz (Ω) (Ω) Ripple Amps @ 105 ºC 120 Hz 20 kHz (A) (A) Nominal Size D x L (mm) ESR Max @ 25º C 120 Hz 20 kHz (Ω) (Ω) Ripple Amps @ 105 ºC 120 Hz 20 kHz (A) (A) Nominal Size D x L (mm) Cap. (µF) Catalog Part Number DF Max 120Hz Cap. (µF) Catalog Part Number DF Max 120Hz 2200 381EL222M180A052 0.14 0.094 0.067 2.9 4.06 35 x 50 680 381EL681M250A032 0.1 0.22 0.12 1.70 2.38 35 x 35 200 Vdc (250 Vdc Surge) 820 381EL821M250K052 0.1 0.18 0.10 2.00 2.80 30 x 50 220 381EL221M200H012 0.12 0.80 0.36 1.00 1.40 22 x 25 820 381EL821M250A042 0.1 0.18 0.10 2.00 2.80 35 x 40 270 381EL271M200H022 0.12 0.66 0.30 1.10 1.54 22 x 30 1000 381EL102M250A452 0.12 0.18 0.10 2.20 3.08 35 x 45 270 381EL271M200J012 0.12 0.66 0.30 1.10 1.54 25 x 25 1200 381EL122M250A052 0.12 0.15 0.09 2.30 3.22 35 x 50 330 381EL331M200H022 0.12 0.54 0.24 1.20 1.68 22 x 30 315 Vdc (365 Vdc Surge) 330 381EL331M200J012 0.12 0.54 0.24 1.20 1.68 25 x 25 82 381EL820M315H012 0.1 1.80 0.90 0.64 0.90 22 x 25 390 381EL391M200H032 0.12 0.45 0.20 1.30 1.82 22 x 35 100 381EL101M315H022 0.1 1.47 0.74 0.69 0.97 22 x 30 390 381EL391M200J022 0.12 0.45 0.20 1.30 1.82 25 x 30 120 381EL121M315H022 0.1 1.23 0.61 0.75 1.05 22 x 30 390 381EL391M200K012 0.12 0.45 0.20 1.30 1.82 30 x 25 120 381EL121M315J012 0.1 1.23 0.61 0.75 1.05 25 x 25 470 381EL471M200H042 0.12 0.38 0.17 1.40 1.96 22 x 40 150 381EL151M315H032 0.1 0.98 0.49 0.82 1.15 22 x 35 470 381EL471M200J032 0.12 0.38 0.17 1.40 1.96 25 x 35 150 381EL151M315J022 0.1 0.98 0.49 0.82 1.15 25 x 30 470 381EL471M200K022 0.12 0.38 0.17 1.40 1.96 30 x 30 150 381EL151M315K012 0.1 0.98 0.49 0.82 1.15 30 x 25 560 381EL561M200H452 0.12 0.32 0.14 1.50 2.10 22 x 45 180 381EL181M315H042 0.1 0.82 0.41 0.90 1.26 22 x 40 560 381EL561M200J032 0.12 0.32 0.14 1.50 2.10 25 x 35 180 381EL181M315J032 0.1 0.82 0.41 0.90 1.26 25 x 35 560 381EL561M200K022 0.12 0.32 0.14 1.50 2.10 30 x 30 180 381EL181M315K012 0.1 0.82 0.41 0.90 1.26 30 x 25 680 381EL681M200J042 0.12 0.26 0.12 1.70 2.38 25 x 40 220 381EL221M315H452 0.11 0.74 0.37 1.00 1.40 22 x 45 680 381EL681M200K032 0.12 0.26 0.12 1.70 2.38 30 x 35 220 381EL221M315J042 0.11 0.74 0.37 1.00 1.40 25 x 40 820 381EL821M200J052 0.12 0.22 0.10 2.00 2.80 25 x 50 220 381EL221M315K022 0.11 0.74 0.37 1.00 1.40 30 x 30 820 381EL821M200K042 0.12 0.22 0.10 2.00 2.80 30 x 40 270 381EL271M315J452 0.11 0.60 0.30 1.10 1.54 25 x 45 820 381EL821M200A022 0.12 0.22 0.10 2.00 2.80 35 x 30 270 381EL271M315K032 0.11 0.60 0.30 1.10 1.54 30 x 35 1000 381EL102M200K452 0.12 0.18 0.09 2.20 3.08 30 x 45 270 381EL271M315A022 0.11 0.60 0.30 1.10 1.54 35 x 30 1000 381EL102M200A032 0.12 0.18 0.09 2.20 3.08 35 x 35 330 381EL331M315J052 0.11 0.49 0.25 1.20 1.68 25 x 50 1200 381EL122M200K052 0.13 0.16 0.08 2.30 3.22 30 x 50 330 381EL331M315K042 0.11 0.49 0.25 1.20 1.68 30 x 40 1200 381EL122M200A042 0.13 0.16 0.08 2.30 3.22 35 x 40 330 381EL331M315A022 0.11 0.49 0.25 1.20 1.68 35 x 30 1500 381EL152M200A052 0.13 0.13 0.06 2.50 3.50 35 x 50 390 381EL391M315K452 0.12 0.45 0.23 1.30 1.82 30 x 45 250 Vdc (300 Vdc Surge) 390 381EL391M315A032 0.12 0.45 0.23 1.30 1.82 35 x 35 180 381EL181M250H022 0.1 0.82 0.41 0.90 1.26 22 x 30 470 381EL471M315K052 0.12 0.38 0.19 1.40 1.96 30 x 50 180 381EL181M250J012 0.1 0.82 0.41 0.90 1.26 25 x 25 470 381EL471M315A042 0.12 0.38 0.19 1.40 1.96 35 x 40 220 381EL221M250H022 0.1 0.67 0.34 1.00 1.40 22 x 30 560 381EL561M315A452 0.12 0.32 0.16 1.50 2.10 35 x 45 220 381EL221M250J012 0.1 0.67 0.34 1.00 1.40 25 x 25 680 381EL681M315A052 0.12 0.26 0.14 1.70 2.38 35 x 50 270 381EL271M250H032 0.1 0.55 0.27 1.10 1.54 22 x 35 350 Vdc (400 Vdc Surge) 270 381EL271M250J022 0.1 0.55 0.27 1.10 1.54 25 x 30 82 381EL820M350H012 0.1 1.80 0.90 0.64 0.90 22 x 25 270 381EL271M250K012 0.1 0.55 0.27 1.10 1.54 30 x 25 100 381EL101M350H022 0.1 1.47 0.74 0.69 0.97 22 x 30 330 381EL331M250H042 0.1 0.45 0.22 1.20 1.68 22 x 40 100 381EL101M350J012 0.1 1.47 0.74 0.69 0.97 25 x 25 330 381EL331M250J032 0.1 0.45 0.22 1.20 1.68 25 x 35 120 381EL121M350H032 0.1 1.23 0.61 0.75 1.05 22 x 35 330 381EL331M250K012 0.1 0.45 0.22 1.20 1.68 30 x 25 120 381EL121M350J022 0.1 1.23 0.61 0.75 1.05 25 x 30 390 381EL391M250H452 0.1 0.38 0.19 1.30 1.82 22 x 45 150 381EL151M350H042 0.1 0.98 0.49 0.82 1.15 22 x 40 390 381EL391M250J032 0.1 0.38 0.19 1.30 1.82 25 x 35 150 381EL151M350J022 0.1 0.98 0.49 0.82 1.15 25 x 30 390 381EL391M250K022 0.1 0.38 0.19 1.30 1.82 30 x 30 150 381EL151M350K012 0.1 0.98 0.49 0.82 1.15 30 x 25 470 381EL471M250J452 0.1 0.31 0.16 1.40 1.96 25 x 45 180 381EL181M350H452 0.1 0.82 0.41 0.90 1.26 22 x 45 470 381EL471M250K032 0.1 0.31 0.16 1.40 1.96 30 x 35 180 381EL181M350J032 0.1 0.82 0.41 0.90 1.26 25 x 35 470 381EL471M250A022 0.1 0.31 0.16 1.40 1.96 35 x 30 180 381EL181M350K022 0.1 0.82 0.41 0.90 1.26 30 x 30 560 381EL561M250J052 0.1 0.26 0.13 1.50 2.10 25 x 50 220 381EL221M350H052 0.11 0.74 0.37 1.00 1.40 22 x 50 560 381EL561M250K032 0.1 0.26 0.13 1.50 2.10 30 x 35 220 381EL221M350J042 0.11 0.74 0.37 1.00 1.40 25 x 40 560 381EL561M250A022 0.1 0.26 0.13 1.50 2.10 35 x 30 220 381EL221M350K022 0.11 0.74 0.37 1.00 1.40 30 x 30 ESR Max @ 25º C 120 Hz 20 kHz (Ω) (Ω) Ripple Amps @ 105 ºC 120 Hz 20 kHz (A) (A) Nominal Size D x L (mm) ESR Max @ 25º C 120 Hz 20 kHz (Ω) (Ω) Ripple Amps @ 105 ºC 120 Hz 20 kHz (A) (A) Nominal Size D x L (mm) Cap. (µF) Catalog Part Number DF Max 120Hz Cap. (µF) Catalog Part Number DF Max 120Hz 270 381EL271M350J052 0.11 0.60 0.30 1.10 1.54 25 x 50 270 381EL271M400A032 0.1 0.546 0.191 1.1 1.54 35 x 35 270 381EL271M350K032 0.11 0.60 0.30 1.10 1.54 30 x 35 330 381EL331M400K052 0.1 0.447 0.179 1.2 1.68 30 x 50 270 381EL271M350A022 0.11 0.60 0.30 1.10 1.54 35 x 30 330 381EL331M400A042 0.1 0.447 0.179 1.2 1.68 35 x 40 330 381EL331M350K452 0.11 0.49 0.25 1.20 1.68 30 x 45 390 381EL391M400A452 0.1 0.378 0.151 1.3 1.82 35 x 45 330 381EL331M350A032 0.11 0.49 0.25 1.20 1.68 35 x 35 470 381EL471M400A052 0.1 0.314 0.125 1.4 1.96 35 x 50 390 381EL391M350K052 0.12 0.45 0.23 1.30 1.82 30 x 50 450 Vdc (500 Vdc Surge) 390 381EL391M350A042 0.12 0.45 0.23 1.30 1.82 35 x 40 39 381EL390M450H012 0.1 3.78 1.32 0.37 0.52 22 x 25 470 381EL471M350A042 0.12 0.38 0.19 1.40 1.96 35 x 40 47 381EL470M450H022 0.1 3.14 1.10 0.40 0.56 22 x 30 560 381EL561M350A052 0.12 0.32 0.16 1.50 2.10 35 x 50 56 381EL560M450H032 0.1 2.63 0.92 0.47 0.66 22 x 35 400 Vdc (450 Vdc Surge) 56 381EL560M450J012 0.1 2.63 0.92 0.47 0.66 25 x 25 56 381EL560M400H012 0.1 2.63 0.92 0.51 0.71 22 x 25 68 381EL680M450H042 0.1 2.17 0.76 0.53 0.74 22 x 40 68 381EL680M400H022 0.1 2.17 0.76 0.56 0.78 22 x 30 68 381EL680M450J022 0.1 2.17 0.76 0.53 0.74 25 x 30 68 381EL680M400J012 0.1 2.17 0.76 0.56 0.78 25 x 25 82 381EL820M450H452 0.1 1.80 0.63 0.56 0.78 22 x 45 82 381EL820M400H032 0.1 1.80 0.63 0.64 0.90 22 x 35 82 381EL820M450J032 0.1 1.80 0.63 0.56 0.78 25 x 35 82 381EL820M400J012 0.1 1.80 0.63 0.64 0.90 25 x 25 82 381EL820M450K012 0.1 1.80 0.63 0.56 0.78 30 x 25 100 381EL101M400H032 0.1 1.47 0.52 0.69 0.97 22 x 35 100 381EL101M450H052 0.1 1.47 0.52 0.64 0.90 22 x 50 100 381EL101M400J022 0.1 1.47 0.52 0.69 0.97 25 x 30 100 381EL101M450J042 0.1 1.47 0.52 0.64 0.90 25 x 40 120 381EL121M400H042 0.1 1.23 0.43 0.75 1.05 22 x 40 100 381EL101M450K022 0.1 1.47 0.52 0.64 0.90 30 x 30 120 381EL121M400J032 0.1 1.23 0.43 0.75 1.05 25 x 35 120 381EL121M450J452 0.1 1.23 0.43 0.72 1.01 25 x 45 120 381EL121M400K012 0.1 1.23 0.43 0.75 1.05 30 x 25 120 381EL121M450K022 0.1 1.23 0.43 0.72 1.01 30 x 30 150 381EL151M400H052 0.1 0.98 0.34 0.82 1.15 22 x 50 150 381EL151M450J052 0.1 0.98 0.34 0.79 1.11 25 x 50 150 381EL151M400J042 0.1 0.98 0.34 0.82 1.15 25 x 40 150 381EL151M450K042 0.1 0.98 0.34 0.79 1.11 30 x 40 150 381EL151M400K022 0.1 0.98 0.34 0.82 1.15 30 x 30 150 381EL151M450A022 0.1 0.98 0.34 0.79 1.11 35 x 30 180 381EL181M400J452 0.1 0.82 0.29 0.90 1.26 25 x 45 180 381EL181M450K452 0.1 0.82 0.29 0.87 1.22 30 x 45 180 381EL181M400K032 0.1 0.82 0.29 0.90 1.26 30 x 35 180 381EL181M450A032 0.1 0.82 0.29 0.87 1.22 35 x 35 180 381EL181M400A022 0.1 0.82 0.29 0.90 1.26 35 x 25 220 381EL221M450K052 0.1 0.67 0.23 1.00 1.40 30 x 50 220 381EL221M400J052 0.1 0.67 0.23 1.00 1.40 25 x 50 220 381EL221M450A042 0.1 0.67 0.23 1.00 1.40 35 x 40 220 381EL221M400K042 0.1 0.67 0.23 1.00 1.40 30 x 40 270 381EL271M450A452 0.1 0.55 0.19 1.19 1.67 35 x 45 220 381EL221M400A022 0.1 0.67 0.23 1.00 1.40 35 x 30 330 381EL331M450A052 0.1 0.45 0.16 1.38 1.93 35 x 50 270 381EL271M400K452 0.1 0.55 0.19 1.10 1.54 30 x 45 |