| Moteur de recherche de fiches techniques de composants électroniques |
|
CK05BX331M Fiches technique(PDF) 4 Page - Cornell Dubilier Electronics |
|
|
|||||||||||||||||||||||||||||
CK05BX331M Fiches technique(HTML) 4 Page - Cornell Dubilier Electronics |
|
4 / 5 page ![]() CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com MIL-C-11015 & 39014 Multilayer Ceramic Capacitors Ratings Tol. MIL-C-39014/05 39014/05 Failure Rate Levels Tol. MIL-C-39014/05 39014/05 Failure Rate Levels Cap % MIL-C-11015/20 References M P R S Cap % MIL-C-11015/20 References M P R S 100 Vdc - Axial Leaded - CK12/M39014/05 100 Vdc - Axial Leaded - CK12/M39014/05 22 pF 10 CK12BX220K CKR11BX220K* 2607 2807 2007 2207 330 pF 20 CK12BX331M CKR11BX331M* 2629 2829 2029 2229 22 pF 20 CK12BX220M CKR11BX220M* 2608 2808 2008 2208 390 pF 10 CK12BX391K CKR11BX391K* 2630 2830 2030 2230 27 pF 10 CK12BX270K CKR11BX270K* 2609 2809 2009 2209 470 pF 10 CK12BX471K CKR11BX471K* 2631 2831 2031 2231 33 pF 10 CK12BX330K CKR11BX330K* 2610 2810 2010 2210 470 pF 20 CK12BX471M CKR11BX471M* 2632 2832 2032 2232 33 pF 20 CK12BX330M CKR11BX330M* 2611 2811 2011 2211 560 pF 10 CK12BX561K CKR11BX561K* 2633 2833 2033 2233 39 pF 10 CK12BX390K CKR11BX390K* 2612 2812 2012 2212 680 pF 10 CK12BX681K CKR11BX681K* 2634 2834 2034 2234 47 pF 10 CK12BX470K CKR11BX470K* 2613 2813 2013 2213 680 pF 20 CK12BX681M CKR11BX681M* 2635 2835 2035 2235 47 pF 20 CK12BX470M CKR11BX470M* 2614 2814 2014 2214 820 pF 10 CK12BX821K CKR11BX821K* 2636 2836 2036 2236 56 pF 10 CK12BX560K CKR11BX560K* 2615 2815 2015 2215 1000 pF 10 CK12BX102K CKR11BX102K* 2637 2837 2037 2237 68 pF 10 CK12BX680K CKR11BX680K* 2616 2816 2016 2216 1000 pF 20 CK12BX102M CKR11BX102M* 2638 2838 2038 2238 68 pF 20 CK12BX680M CKR11BX680M* 2617 2817 2017 2217 1200 pF 10 CK12BX122K CKR11BX122K* 2639 2839 2039 2239 82 pF 10 CK12BX820K CKR11BX820K* 2618 2818 2018 2218 1500 pF 10 CK12BX152K CKR11BX152K* 2640 2840 2040 2240 100 pF 10 CK12BX101K CKR11BX101K* 2619 2819 2019 2219 1500 pF 20 CK12BX152M CKR11BX152M* 2641 2841 2041 2241 100 pF 20 CK12BX101M CKR11BX101M* 2620 2820 2020 2220 1800 pF 10 CK12BX182K CKR11BX182K* 2642 2842 2042 2242 120 pF 10 CK12BX121K CKR11BX121K* 2621 2821 2021 2221 2200 pF 10 CK12BX222K CKR11BX222K* 2643 2843 2043 2243 150 pF 10 CK12BX151K CKR11BX151K* 2622 2822 2022 2222 2200 pF 20 CK12BX222M CKR11BX222M* 2644 2844 2044 2244 150 pF 20 CK12BX151M CKR11BX151M* 2623 2823 2023 2223 2700 pF 10 CK12BX272K CKR11BX272K* 2645 2845 2045 2245 180 pF 10 CK12BX181K CKR11BX181K* 2624 2824 2024 2224 3300 pF 10 CK12BX332K CKR11BX332K* 2646 2846 2046 2246 220 pF 10 CK12BX221K CKR11BX221K* 2625 2825 2025 2225 3300 pF 20 CK12BX332M CKR11BX332M* 2647 2847 2047 2247 220 pF 20 CK12BX221M CKR11BX221M* 2626 2826 2026 2226 3900 pF 10 CK12BX392K CKR11BX392K* 2648 2848 2048 2248 270 pF 10 CK12BX271K CKR11BX271K* 2627 2827 2027 2227 4700 pF 10 CK12BX472K CKR11BX472K* 2649 2849 2049 2249 330 pF 10 CK12BX331K CKR11BX331K* 2628 2828 2028 2228 4700 pF 20 CK12BX472M CKR11BX472M* 2650 1850 2050 2250 Tol. MIL-C-39014/05 39014/05 Failure Rate Levels Tol. MIL-C-39014/05 39014/05 Failure Rate Levels Cap % MIL-C-11015/19 References M P R S Cap % MIL-C-11015/19 References M P R S 50 Vdc - Axial Leaded - CK13/M39014/05 50 Vdc - Axial Leaded - CK13/M39014/05 .012 uF 10 CK13BX123K CKR12BX123K* 2663 2863 2063 2263 .039 uF 10 CK13BR393K CKR12BX393K* 2672 2872 2072 2272 .015 uF 10 CK13BX153K CKR12BX153K* 2664 2864 2064 2264 .047 uF 10 CK13BR473K CKR12BX473K* 2673 2873 2073 2273 .015 uF 20 CK13BX153M CKR12BX153M* 2665 2865 2065 2265 .047 uF 20 CK13BR473M CKR12BX473M* 2674 2874 2074 2274 .018 uF 10 CK13BX183K CKR12BX183K* 2666 2866 2066 2266 100 Vdc - Axial Leaded - CK13/M39014/05 .022 uF 10 CK13BX223K CKR12BX223K* 2667 2867 2067 2267 5600 pF 10 CK13BX562K CKR12BX562K* 2657 2857 2057 2257 .022 uF 20 CK13BX223M CKR12BX223M* 2668 2868 2068 2268 6800 pF 10 CK13BX682K CKR12BX682K* 2658 2858 2058 2258 .027 uF 10 CK13BR273K CKR12BX273K* 2669 2869 2069 2269 6800 pF 20 CK13BX682M CKR12BX682M* 2659 2859 2059 2259 .033 uF 10 CK13BR333K CKR12BX333K* 2670 2870 2070 2270 8200 pF 10 CK13BX822K CKR12BX822K* 2660 2860 2060 2260 .033 uF 20 CK13BR333M CKR12BX333M* 2671 2871 2071 2271 .01 uF 10 CK13BX103K CKR12BX103K* 2661 2861 2061 2261 .01 uF 20 CK13BX103M CKR12BX103M* 2662 2862 2062 2262 *Insert proper letter symbol for Failure Rate Designator M = 1% / 1000 Hours, P = 0.1% / 1000 Hours R = 0.01% / 1000 Hours, S = 0.001% / 1000 Hours Add ‘TR” to end of part number for Tape & Reel CK12 & CKR11 5,000 per reel (Available in full reels only) |