Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADN8102ACPZ-R7 Fiches technique(PDF) 21 Page - Analog Devices

No de pièce ADN8102ACPZ-R7
Description  3.75 Gbps Quad Bidirectional CX4 Equalizer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADN8102ACPZ-R7 Fiches technique(HTML) 21 Page - Analog Devices

Back Button ADN8102ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADN8102ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADN8102ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADN8102ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADN8102ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADN8102ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADN8102ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADN8102ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADN8102ACPZ-R7 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
ADN8102
Rev. A | Page 21 of 32
Table 13. Output Level Settings
VOD (mV)
VD Peak (mV)
PE (dB)
ITOT (mA)
OUT_A/OUT_B Output Level Control 0
OUT_A/OUT_B Output Level Control 1
50
50
0.00
2
0x00
0x81
50
150
9.54
6
0x11
0x81
50
250
13.98
10
0x22
0x81
50
350
16.90
14
0x33
0x81
50
450
19.08
18
0x44
0x81
50
550
20.83
22
0x55
0x81
50
650
22.28
26
0x66
0x81
100
100
0.00
4
0x00
0x91
100
200
6.02
8
0x11
0x91
100
300
9.54
12
0x22
0x91
100
400
12.04
16
0x33
0x91
100
500
13.98
20
0x44
0x91
100
600
15.56
24
0x55
0x91
100
700
16.90
28
0x66
0x91
150
150
0.00
6
0x00
0x92
150
250
4.44
10
0x11
0x92
150
350
7.36
14
0x22
0x92
150
450
9.54
18
0x33
0x92
150
550
11.29
22
0x44
0x92
150
650
12.74
26
0x55
0x92
150
750
13.98
30
0x66
0x92
200
200
0.00
8
0x00
0xA2
200
300
3.52
12
0x11
0xA2
200
400
6.02
16
0x22
0xA2
200
500
7.96
20
0x33
0xA2
200
600
9.54
24
0x44
0xA2
200
700
10.88
28
0x55
0xA2
200
800
12.04
32
0x66
0xA2
250
250
0.00
10
0x00
0xA3
250
350
2.92
14
0x11
0xA3
250
450
5.11
18
0x22
0xA3
250
550
6.85
22
0x33
0xA3
250
650
8.30
26
0x44
0xA3
250
750
9.54
30
0x55
0xA3
250
850
10.63
34
0x66
0xA3
300
300
0.00
12
0x00
0xB3
300
400
2.50
16
0x11
0xB3
300
500
4.44
20
0x22
0xB3
300
600
6.02
24
0x33
0xB3
300
700
7.36
28
0x44
0xB3
300
800
8.52
32
0x55
0xB3
300
900
9.54
36
0x66
0xB3
350
350
0.00
14
0x00
0xB4
350
450
2.18
18
0x11
0xB4
350
550
3.93
22
0x22
0xB4
350
650
5.38
26
0x33
0xB4
350
750
6.62
30
0x44
0xB4
350
850
7.71
34
0x55
0xB4
350
950
8.67
38
0x66
0xB4
400
400
0.00
16
0x00
0xC4
400
500
1.94
20
0x11
0xC4
400
600
3.52
24
0x22
0xC4
400
700
4.86
28
0x33
0xC4
400
800
6.02
32
0x44
0xC4
400
900
7.04
36
0x55
0xC4
400
1000
7.96
40
0x66
0xC4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32