Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PSD913F2-12M Fiches technique(PDF) 13 Page - STMicroelectronics

No de pièce PSD913F2-12M
Description  Flash In-System Programmable ISP Peripherals For 8-bit MCUs
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD913F2-12M Fiches technique(HTML) 13 Page - STMicroelectronics

Back Button PSD913F2-12M Datasheet HTML 9Page - STMicroelectronics PSD913F2-12M Datasheet HTML 10Page - STMicroelectronics PSD913F2-12M Datasheet HTML 11Page - STMicroelectronics PSD913F2-12M Datasheet HTML 12Page - STMicroelectronics PSD913F2-12M Datasheet HTML 13Page - STMicroelectronics PSD913F2-12M Datasheet HTML 14Page - STMicroelectronics PSD913F2-12M Datasheet HTML 15Page - STMicroelectronics PSD913F2-12M Datasheet HTML 16Page - STMicroelectronics PSD913F2-12M Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 94 page
background image
Preliminary Information
PSD9XX Family
Define PSD Pin and
Node Functions
Merge MCU Firmware
with PSD Configuration
ST PSD
Programmer
*.OBJ File
Point and click definition of PSD
pin functions, internal nodes, and
MCU system memory map.
PSDPro or
FlashLINK (JTAG)
A composite object file is created
containing MCU firmware and
PSD configuration.
Choose MCU and PSD
Automatically configures MCU
bus interface and other PSD
attributes.
C Code
Generation
Generate C Code
specific to PSD
functions.
User's choice of
Microcontroller
Compiler/Linker
*.OBJ file
available for 3rd party
programmers.
(conventional or
JTAG-ISC)
MCU Firmware
Hex or S-Record
Format
Figure 2. PSDsoft Development Tools
6.0
Development
System
The PSD9XX family is supported by PSDsoft Express, a Windows-based (95, 98, NT)
software development tool. A PSD design is quickly and easily produced in a point and
click environment. The designer does not need to enter Hardware Definition Language
(HDL) equations to define PSD pin functions and memory map information. The general
design flow is shown in Figure 2 below. PSDsoft Express is available free from our web
site (www.psdst.com) or the Literature CD.
PSDsoft Express directly supports two low cost device programmers from ST, PSDpro
and FlashLINK (JTAG). Both of these programmers may be purchased through your
local rep/distributor, or directly from our web site using a credit card. The PSD9XX is also
supported by third party device programmers, see web site for current list.
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94