| Moteur de recherche de fiches techniques de composants électroniques |
|
066333U6R3JS2 Fiches technique(PDF) 4 Page - Cornell Dubilier Electronics |
|
|
|||||||||||||||||||||||||||||
066333U6R3JS2 Fiches technique(HTML) 4 Page - Cornell Dubilier Electronics |
|
4 / 6 page ![]() Type 066/066R 85 °C & 105 °C, Standard, Axial Leaded, Aluminum 16 Vdc (20 Vdc Surge) (cont’d) 22000 066223U016JT2 0.037 0.022 4.9 5.5 1 x 3 5/8 22000 066R223U016JP2 0.049 0.028 5.3 6.1 1 x 2 5/8 22000 066X223U016JL2 0.063 0.036 3.0 3.5 1 x 2 1/8 27000 066R273U016JS2 0.042 0.024 6.2 7.0 1 x 3 1/8 27000 066X273U016JP2 0.049 0.028 3.7 4.3 1 x 2 5/8 33000 066R333U016JT2 0.037 0.022 6.9 7.8 1 x 3 5/8 33000 066X333U016JS2 0.042 0.024 4.3 4.9 1 x 3 1/8 39000 066X393U016JT2 0.037 0.022 4.9 5.5 1 x 3 5/8 25 Vdc (35 Vdc Surge) 560 066561U025FE2 0.510 0.267 0.66 0.87 5/8 x 11/8 820 066821U025GE2 0.340 0.178 0.82 1.1 3/4 x 11/8 1000 066102U025FJ2 0.260 0.133 1.1 1.5 5/8 x 1 5/8 1200 066122U025HE2 0.240 0.126 1.1 1.3 7/8 x 1 1/8 1800 066182U025GJ2 0.170 0.089 1.4 1.8 3/4 x 1 5/8 1800 066R182U025GE2 0.330 0.170 1.2 1.5 3/4 x 1 1/8 2200 066X222U025GE2 0.330 0.170 0.84 1.1 3/4 x 1 1/8 2700 066272U025HJ2 0.120 0.065 1.8 2.1 7/8 x 1 5/8 3900 066392U025HL2 0.082 0.045 2.5 3.0 7/8 x 2 1/8 3900 066R392U025GJ2 0.170 0.089 2.0 2.6 3/4 x 1 5/8 4700 066X472U025GJ2 0.170 0.089 1.4 1.8 3/4 x 1 5/8 5600 066562U025JL2 0.066 0.037 2.8 3.3 1 x 2 1/8 5600 066R562U025HJ2 0.120 0.062 2.6 3.2 7/8 x 1 5/8 6800 066682U025JP2 0.051 0.030 3.5 4.1 1 x 2 5/8 6800 066X682U025HJ2 0.120 0.062 1.8 2.2 7/8 x 1 5/8 8200 066822U025JS2 0.043 0.025 4.1 4.7 1 x 3 1/8 8200 066R822U025HL2 0.080 0.043 3.6 4.4 7/8 x 2 1/8 10000 066103U025JT2 0.038 0.023 4.7 5.2 1 x 3 5/8 10000 066xl03U025HL2 0.080 0.043 2.5 3.1 7/8 x 2 l/8 12000 066R123U025JL2 0.062 0.035 4.2 5.0 1 x 2 1/8 15000 066R153U025JP2 0.049 0.027 5.2 6.1 1 x 2 5/8 15000 066X153U025JL2 0.062 0.035 3.0 3.5 1 x 2 1/8 18000 066X183U025JP2 0.049 0.027 3.7 4.3 1 x 2 5/8 22000 066R223U025JS2 0.041 0.024 6.1 7.0 1 x 3 1/8 22000 066R223U025JT2 0.037 0.021 6.9 7.8 1 x 3 5/8 22000 066X223U025JS2 0.041 0.024 4.3 5.0 1 x 3 1/8 27000 066X273U025JT2 0.037 0.021 4.9 5.5 1 x 3 5/8 35 Vdc (45 Vdc Surge) 470 066471U035FE2 0.540 0.267 0.64 0.86 5/8 x 1 1/8 680 066681U035GE2 0.350 0.178 0.8 1.0 3/4 x 1 1/8 820 066821U035FJ2 0.270 0.133 1.1 1.4 5/8 x 1 5/8 1200 066122U035HE2 0.250 0.126 1.0 1.3 7/8 x 1 1/8 1200 066R122LI035GE2 0.350 0.178 1.1 1.5 3/4 x 1 1/8 1500 066152U035GJ2 0.180 0.089 1.3 1.7 3/4 x 1 5/8 1500 066X152U035GE2 0.350 0.178 0.8 1.0 3/4 x 1 1/8 2200 066222U035HJ2 0.120 0.065 1.7 2.1 7/8 x 1 5/8 2200 066R222U035GJ2 0.180 0.089 1.9 2.5 3/4 x 1 5/8 2700 066272U035GP2 0.098 0.05 3.3 4.2 3/4 x 2 5/8 3300 066332U035HL2 0.085 0.045 2.4 3.0 7/8 x 2 1/8 3300 066X332U035GJ2 0.180 0.089 1.3 1.7 3/4 x 1 5/8 3900 066R392U035HJ2 0.120 0.065 2.4 3.0 7/8 x 1 5/8 4700 066X472U035HJ2 0.120 0.065 1.7 2.1 7/8 x 1 5/8 4700 066472U035JL2 0.068 0.038 2.8 3.3 1 x 2 1/8 5600 066562U035JP2 0.053 0.03 3.5 4.1 1 x 2 5/8 5600 066R562U035HL2 0.085 0.045 3.4 4.2 7/8 x 2 1/8 6800 066X682U035HL2 0.085 0.045 2.4 3.0 7/8 x 2 1/8 35 Vdc (45 Vdc Surge) (cont’d) 8200 066822U035JS2 0.045 0.025 4.1 4.7 1 x 3 1/8 8200 066R822U035JL2 0.067 0.037 4.0 4.7 1 x 2 1/8 10000 066R103U035JP2 0.053 0.030 4.9 5.8 1 x 2 5/8 10000 066X103U035JL2 0.067 0.037 2.8 3.3 1 x 2 1/8 12000 066R123U035JS2 0.044 0.025 5.8 6.7 1 x 3 1/8 12000 066X123U035JP2 0.053 0.030 3.5 4.1 1 x 2 5/8 15000 066R153U035JT2 0.039 0.023 6.5 7.4 1 x 3 5/8 18000 066X183U035JT2 0.039 0.023 4.6 5.3 1 x 3 5/8 50 Vdc (70 Vdc Surge) 270 066271U050FE2 0.680 0.274 0.54 0.84 5/8 x 1 1/8 470 066471U050GE2 0.450 0.185 0.68 1.0 3/4 x 1 1/8 560 066561U050FJ2 0.340 0.141 0.91 1.4 5/8 x 1 5/8 680 066681U050HE2 0.310 0.133 0.88 1.3 7/8 x 1 1/8 680 066R681U050GE2 0.450 0.185 0.96 1.4 3/4 x 1 1/8 820 066821U050GJ2 0.230 0.096 1.1 1.7 3/4 x 1 5/8 820 066X821U050GE2 0.450 0.185 0.68 1.0 3/4 x 1 1/8 1000 066102U050JE2 0.240 0.104 1.0 1.4 1 x 1 1/8 1200 066122U050HJ2 0.160 0.067 1.5 2.1 7/8 x 1 5/8 1200 066R122U050GJ2 0.230 0.096 1.6 2.4 3/4 x 1 5/8 1500 066152U050FS2 0.140 0.060 2.0 3.0 5/8 x 3 1/8 1800 066182U050HL2 0.110 0.047 2.1 2.9 7/8 x 2 1/8 1800 066X182U050GJ2 0.230 0.096 1.1 1.7 3/4 x 1 5/8 2200 066R222U050HJ2 0.160 0.067 2.1 3.0 7/8 x 1 5/8 2700 066272U050JL2 0.083 0.039 2.5 3.2 1 x 2 1/8 2700 066X272U050HJ2 0.160 0.067 1.5 2.1 7/8 x 1 5/8 3300 066332U050HS2 0.068 0.031 3.1 4.2 7/8 x 3 1/8 3300 066R332U050HL2 0.110 0.046 3.0 4.1 7/8 x 2 1/8 3900 066392U050JP2 0.064 0.030 3.1 4.0 1 x 2 5/8 3900 066R392U050JL2 0.082 0.038 3.5 4.6 1 x 2 1/8 3900 066X392U050HL2 0.110 0.046 2.1 2.9 7/8 x 2 1/8 4700 066472U050JS2 0.054 0.026 3.7 4.6 1 x 3 1/8 5600 066562U050JT2 0.047 0.023 4.2 5.2 1 x 3 5/8 5600 066R562U050JP2 0.064 0.030 4.4 5.7 1 x 2 5/8 5600 066X562UOSOJL2 0.082 0.038 2.5 3.3 1 x 2 1/8 6800 066R682U050JS2 0.053 0.026 5.2 6.6 1 x 3 1/8 6800 066X682U050JP2 0.064 0.030 3.1 4.0 1 x 2 5/8 8200 066R822U050JT2 0.047 0.023 5.9 7.4 1 x 3 5/8 10000 066X103U050JS2 0.053 0.026 3.7 4.7 1 x 3 1/8 12000 066X123U050JT2 0.047 0.023 4.2 5.2 1 x 3 5/8 63 Vdc (80 Vdc Surge) 180 066181U063FE2 0.810 0.281 0.48 0.83 5/8 x 1 1/8 270 066271U063GE2 0.530 0.185 0.6 1.0 3/4 x 1 1/8 390 066391U063FJ2 0.410 0.141 0.81 1.4 5/8 x 1 5/8 470 066R471U063GE2 0.530 0.185 0.86 1.4 3/4 x 1 1/8 560 066561U063GJ2 0.270 0.096 1.0 1.7 3/4 x 1 5/8 560 066X561U063GE2 0.530 0.185 0.61 1.0 3/4 x 1 1/8 680 066681U063JE2 0.280 0.111 0.96 1.4 1 x 1 1/8 820 066821U063HJ2 0.180 0.068 1.3 2.1 7/8 x 1 5/8 820 066R821U063GJ2 0.270 0.096 1.4 2.4 3/4 x 1 5/8 1000 066102U063FS2 0.170 0.061 1.8 2.9 5/8 x 3 1/8 1200 066122U063GP2 0.140 0.053 2.6 4.1 3/4 x 2 5/8 1200 066X122U063GJ2 0.270 0.096 1.0 1.7 3/4 x 1 5/8 1500 066152U063HL2 0.120 0.047 1.9 2.9 7/8 x 2 1/8 1500 066R152U063HJ2 0.180 0.067 1.9 2.9 7/8 x 1 5/8 1800 066182U063JL2 0.095 0.039 2.3 3.2 1 x 2 1/8 Ripple A Nominal Cap. Catalog ESR Max. Ω @ 85 °C Size (in) Part Number 120 Hz 20 kHz 120 Hz 20 kHz D x L Ripple A Nominal Cap. Catalog ESR Max. Ω @ 85 °C Size (in) Part Number 120 Hz 20 kHz 120 Hz 20 kHz D x L ( F) ( F) CDM Cornell Dubilier • 140 Technology Place. • Liberty, SC• 29657 • Phone: (864)843-2277 • Fax: (864) 843-3800 • www.cde.com |