Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

T405-600W Fiches technique(PDF) 4 Page - STMicroelectronics

No de pièce T405-600W
Description  4A TRIACS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

T405-600W Fiches technique(HTML) 4 Page - STMicroelectronics

  T405-600W Datasheet HTML 1Page - STMicroelectronics T405-600W Datasheet HTML 2Page - STMicroelectronics T405-600W Datasheet HTML 3Page - STMicroelectronics T405-600W Datasheet HTML 4Page - STMicroelectronics T405-600W Datasheet HTML 5Page - STMicroelectronics T405-600W Datasheet HTML 6Page - STMicroelectronics T405-600W Datasheet HTML 7Page - STMicroelectronics T405-600W Datasheet HTML 8Page - STMicroelectronics T405-600W Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
T4 Series
4/10
Figure 1: Maximum power dissipation versus
RMS on-state current (full cycle)
Figure 2: RMS on-state current versus case
temperature (full cycle)
Figure 3: RMS on-state current versus ambient
temperature (printed circuit board FR4, copper
thickness: 35µm) (full cycle)
Figure 4: Relative
variation
of
thermal
impedance versus pulse duration
Figure 5: On-state characteristics (maximum
values)
Figure 6: Surge peak on-state current versus
number of cycles
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
1
2
3
4
5
6
P(W)
I
(A)
T(RMS)
0
25
50
75
100
125
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
I
(A)
T(RMS)
T (°C)
C
TO-220AB / DPAK / IPAK
ISOWATT220AB
0
25
50
75
100
125
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
I
(A)
T(RMS)
T (°C)
C
DPAK
(S=0.5CM )
2
1E-2
1E-1
1E+0
1E+1
1E+2
5E+2
1E-2
1E-1
1E+0
K=[Z /R
th
th]
t (s)
p
Rth(j-c)
Rth(j-a)
TO-220AB / DPAK / IPAK
DPAK / IPAK
ISOWATT220AB
TO-220AB / ISOWATT220AB
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0.1
1.0
10.0
30.0
I
(A)
TM
V
(V)
TM
T max.
V = 0.90V
R = 120 m
j
to
d
Ω
T=
j
T max.
j
T = 25°C
j
.
1
10
100
1000
0
5
10
15
20
25
30
35
I
(A)
TSM
Number of cycles
t=20ms
One cycle
Non repetitive
T initial=25°C
j
Repetitive
T =110°C
C



Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com