| Moteur de recherche de fiches techniques de composants électroniques |
|
HTG3535CFB Fiches technique(PDF) 3 Page - Humirel |
|
|
|||||||||||||||||||||||||||||
HTG3535CFB Fiches technique(HTML) 3 Page - Humirel |
|
3 / 10 page ![]() ________________________________________________________________________________________ Humirel HTG3500 Series Datasheet / HPC123 Rev B November 2007 3 Nomenclature HTG3XYZ yyy • SPECIFIC ELECTRICAL AND METROLOGICAL CHARACTERISTICS Electrical Characteristics HTG35Y3 Voltage Supply (1) (2) Vcc 3 3.3 3.46 Vdc Nominal Output @55%RH Vout 1.640 1.695 1.750 V Humidity Average Sensitivity (in continuous and pulsed mode) mV/RH - +18 - mV/%RH Current consumption (in continuous and pulsed mode) Icc - 1.5 3.0 mA dc (1) Module is ratiometric to voltage supply (2) Maximum power supply ramp up time to VCC should be less than 20ms HTG35Y5 Voltage Supply (1) (2) Vcc 4.75 5 5.25 Vdc Nominal Output @55%RH in pulsed mode Vout 2.510 2.570 2.630 V Nominal Output @55%RH in continuous mode Vout 2.420 2.480 2.540 V Humidity Average Sensitivity in pulsed mode mV/RH - +26 - mV/%RH Humidity Average Sensitivity in continuous mode mV/RH - +25 - mV/%RH Current consumption (in continuous and pulsed mode) Icc - 3.2 mA dc (1) Module is ratiometric to voltage supply (2) Maximum power supply ramp up time to VCC should be less than 20ms Mechanical Package: 1 for Housing 1 with screw/fastener mount capability 3 for Housing 3 with PTFE membrane Output Type: 4 for Frequency 5 for Voltage Connector Type Voltage Supply: 3 for 3.3 Volts 5 for 5 Volts |