Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STC2G15 Fiches technique(PDF) 7 Page - STMicroelectronics

No de pièce STC2G15
Description  BCMOS VOLTAGE REGULATOR DESIGNED FOR USE WITH VERY LOW ESR AND TANTALUM OUTPUT CAPACITOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STC2G15 Fiches technique(HTML) 7 Page - STMicroelectronics

  STC2G15 Datasheet HTML 1Page - STMicroelectronics STC2G15 Datasheet HTML 2Page - STMicroelectronics STC2G15 Datasheet HTML 3Page - STMicroelectronics STC2G15 Datasheet HTML 4Page - STMicroelectronics STC2G15 Datasheet HTML 5Page - STMicroelectronics STC2G15 Datasheet HTML 6Page - STMicroelectronics STC2G15 Datasheet HTML 7Page - STMicroelectronics STC2G15 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
STC2G15
7/8
DIM.
mm.
mils
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
1.1
43.3
A1
0
0.1
3.9
A2
0.7
1.0
27.6
39.4
b
0.3
0.5
11.8
19.7
C
0.08
0.2
3.1
7.9
D
2.9
114.2
E
2.8
110.2
E1
1.6
63.0
e0
.95
37.4
e1
1.9
74.8
L
0.3
0.6
11.8
23.6
TSOT23-5L MECHANICAL DATA
7282780/A



Html Pages

1 2 3 4 5 6 7 8