Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BV42 Fiches technique(PDF) 4 Page - STMicroelectronics

No de pièce BV42
Description  HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BV42 Fiches technique(HTML) 4 Page - STMicroelectronics

  BV42 Datasheet HTML 1Page - STMicroelectronics BV42 Datasheet HTML 2Page - STMicroelectronics BV42 Datasheet HTML 3Page - STMicroelectronics BV42 Datasheet HTML 4Page - STMicroelectronics BV42 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
4.58
5.33
0.180
0.210
B
4.45
5.2
0.175
0.204
C
3.2
4.2
0.126
0.165
D
12.7
0.500
E1.27
0.050
F
0.4
0.51
0.016
0.020
G0.35
0.14
TO-92 MECHANICAL DATA
STBV42
4/5



Html Pages

1 2 3 4 5