Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STN878 Fiches technique(PDF) 7 Page - STMicroelectronics

No de pièce STN878
Description  Medium current, high performance, low voltage NPN transistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STN878 Fiches technique(HTML) 7 Page - STMicroelectronics

Back Button STN878 Datasheet HTML 2Page - STMicroelectronics STN878 Datasheet HTML 3Page - STMicroelectronics STN878 Datasheet HTML 4Page - STMicroelectronics STN878 Datasheet HTML 5Page - STMicroelectronics STN878 Datasheet HTML 6Page - STMicroelectronics STN878 Datasheet HTML 7Page - STMicroelectronics STN878 Datasheet HTML 8Page - STMicroelectronics STN878 Datasheet HTML 9Page - STMicroelectronics STN878 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
STN878
Package mechanical data
7/10
3
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect. The category of
second level interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com



Html Pages

1 2 3 4 5 6 7 8 9 10