| Moteur de recherche de fiches techniques de composants électroniques |
|
ESM2030DV. Fiches technique(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ESM2030DV. Fiches technique(HTML) 1 Page - STMicroelectronics |
|
1 / 8 page ![]() ESM2030DV NPN DARLINGTON POWER MODULE s HIGH CURRENT POWER BIPOLAR MODULE s VERY LOW Rth JUNCTION CASE s SPECIFIED ACCIDENTAL OVERLOAD AREAS s ULTRAFAST FREEWHEELING DIODE s FULLY INSULATED PACKAGE (UL COMPLIANT) s EASY TO MOUNT s LOW INTERNAL PARASITIC INDUCTANCE INDUSTRIAL APPLICATIONS: s MOTOR CONTROL s UPS s DC/DC & DC/AC CONVERTERS INTERNAL SCHEMATIC DIAGRAM September 2003 ISOTOP ABSOLUTE MAXIMUM RATINGS Symbol Parameter Value Unit VCEV Collector-Emitter Voltage (VBE = -5 V) 400 V VCEO(sus) Collector-Emitter Voltage (IB = 0) 300 V VEBO Emitter-Base Voltage (IC = 0) 7 V IC Collector Current 67 A ICM Collector Peak Current (tp = 10 ms) 100 A IB Base Current 3 A IBM Base Peak Current (tp = 10 ms) 6 A Ptot Total Dissipation at Tc = 25 o C 150 W Visol Insulation Withstand Voltage (RMS) from All Four Terminals to Exernal Heatsink 2500 V Tstg Storage Temperature -55 to 150 oC Tj Max. Operating Junction Temperature 150 oC ® 1/8 |
Numéro de pièce similaire - ESM2030DV. |
|
Description similaire - ESM2030DV. |