| Moteur de recherche de fiches techniques de composants électroniques |
|
BD442 Fiches technique(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
BD442 Fiches technique(HTML) 1 Page - STMicroelectronics |
|
1 / 9 page ![]() June 2008 Rev 2 1/9 9 BD442 PNP power transistor Features ■ PNP transistor Applications ■ Linear and switching industrial equipment Description This devices is manufactured in Planar technology with “Base Island” layout. The resulting transistor shows exceptional high gain performance coupled with very low saturation voltage. The NPN type is BD441. Figure 1. Internal schematic diagram Table 1. Device summary SOT-32 3 2 1 Order code Marking Package Packaging BD442 BD442 SOT-32 Tube www.st.com |
Numéro de pièce similaire - BD442 |
|
Description similaire - BD442 |