Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BD135 Fiches technique(PDF) 1 Page - STMicroelectronics

No de pièce BD135
Description  Complementary low voltage transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BD135 Fiches technique(HTML) 1 Page - STMicroelectronics

  BD135 Datasheet HTML 1Page - STMicroelectronics BD135 Datasheet HTML 2Page - STMicroelectronics BD135 Datasheet HTML 3Page - STMicroelectronics BD135 Datasheet HTML 4Page - STMicroelectronics BD135 Datasheet HTML 5Page - STMicroelectronics BD135 Datasheet HTML 6Page - STMicroelectronics BD135 Datasheet HTML 7Page - STMicroelectronics BD135 Datasheet HTML 8Page - STMicroelectronics BD135 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
May 2008
Rev 5
1/9
9
BD135 - BD136
BD139 - BD140
Complementary low voltage transistor
Features
■ Products are pre-selected in DC current gain
Application
■ General purpose
Description
These epitaxial planar transistors are mounted in
the SOT-32 plastic package. They are designed
for audio amplifiers and drivers utilizing
complementary or quasi-complementary circuits.
The NPN types are the BD135 and BD139, and
the complementary PNP types are the BD136
and BD140.
Figure 1.
Internal schematic diagram
3
2
1
SOT-32
NPN
PNP
Table 1.
Device summary
Order codes
Marking
Package
Packaging
BD135
BD135
SOT-32
Tube
BD135-16
BD135-16
BD136
BD136
BD136-16
BD136-16
BD139
BD139
BD139-10
BD139-10
BD139-16
BD139-16
BD140
BD140
BD140-10
BD140-10
BD140-16
BD140-16
www.st.com


Numéro de pièce similaire - BD135

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
BD135 MOTOROLA-BD135 Datasheet
100Kb / 4P
Plastic Medium Power Silicon NPN Transistor
logo
NXP Semiconductors
BD135 PHILIPS-BD135 Datasheet
44Kb / 8P
NPN power transistors
1999 Apr 12
logo
STMicroelectronics
BD135 STMICROELECTRONICS-BD135 Datasheet
33Kb / 4P
NPN SILICON TRANSISTORS
May-1999
logo
Siemens Semiconductor G...
BD135 SIEMENS-BD135 Datasheet
185Kb / 5P
NPN SILICON TRANSISTORS
logo
Fairchild Semiconductor
BD135 FAIRCHILD-BD135 Datasheet
41Kb / 4P
Medium Power Linear and Switching Applications
More results

Description similaire - BD135

FabricantNo de pièceFiches techniqueDescription
logo
Central Semiconductor C...
CMPTA42 CENTRAL-CMPTA42 Datasheet
110Kb / 2P
SILICON COMPLEMENTARY HIGH VOLTAGE TRANSISTOR
logo
Zetex Semiconductors
ZXTDB2M832 ZETEX-ZXTDB2M832 Datasheet
264Kb / 8P
COMPLEMENTARY DUAL 20V LOW SATURATION TRANSISTOR
logo
Central Semiconductor C...
CZTA42 CENTRAL-CZTA42 Datasheet
72Kb / 2P
SURFACE MOUNT COMPLEMENTARY HIGH VOLTAGE SILICON TRANSISTOR
logo
Continental Device Indi...
CC5551 CDIL-CC5551 Datasheet
50Kb / 4P
NPN COMPLEMENTARY SILICON HIGH VOLTAGE TRANSISTOR
logo
STMicroelectronics
BD139 STMICROELECTRONICS-BD139 Datasheet
158Kb / 9P
Complementary low voltage transistor
22-May-2008
logo
Diodes Incorporated
ZXTDB2M832 DIODES-ZXTDB2M832 Datasheet
270Kb / 8P
COMPLEMENTARY DUAL 20V LOW SATURATION TRANSISTOR
JUNE 2002
logo
Central Semiconductor C...
CMLT2207 CENTRAL-CMLT2207_15 Datasheet
512Kb / 3P
COMPLEMENTARY TRANSISTOR
CMLT5554 CENTRAL-CMLT5554_15 Datasheet
510Kb / 3P
COMPLEMENTARY HIGH VOLTAGE TRANSISTOR
logo
STMicroelectronics
MJD360T4-A STMICROELECTRONICS-MJD360T4-A Datasheet
92Kb / 7P
Low voltage complementary power transistors
14-Aug-2009
BD135 STMICROELECTRONICS-BD135_V01 Datasheet
148Kb / 9P
Complementary low voltage transistor
22-May-2008
More results


Html Pages

1 2 3 4 5 6 7 8 9