Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2STC5948_0807 Fiches technique(PDF) 5 Page - STMicroelectronics

No de pièce 2STC5948_0807
Description  High power NPN epitaxial planar bipolar transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

2STC5948_0807 Fiches technique(HTML) 5 Page - STMicroelectronics

  2STC5948_0807 Datasheet HTML 1Page - STMicroelectronics 2STC5948_0807 Datasheet HTML 2Page - STMicroelectronics 2STC5948_0807 Datasheet HTML 3Page - STMicroelectronics 2STC5948_0807 Datasheet HTML 4Page - STMicroelectronics 2STC5948_0807 Datasheet HTML 5Page - STMicroelectronics 2STC5948_0807 Datasheet HTML 6Page - STMicroelectronics 2STC5948_0807 Datasheet HTML 7Page - STMicroelectronics 2STC5948_0807 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
2STC5948
Package mechanical data
5/8
3
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect . The category of
second level interconnect is marked on the package and on the inner box label, in compliance
with JEDEC Standard JESD97. The maximum ratings related to soldering conditions are also
marked on the inner box label. ECOPACK is an ST trademark. ECOPACK specifications are
available at: www.st.com



Html Pages

1 2 3 4 5 6 7 8