Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STB7101 Fiches technique(PDF) 4 Page - STMicroelectronics

No de pièce STB7101
Description  0.9/1.9GHz BROAD BAND PRE-POWER AMPLIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB7101 Fiches technique(HTML) 4 Page - STMicroelectronics

  STB7101 Datasheet HTML 1Page - STMicroelectronics STB7101 Datasheet HTML 2Page - STMicroelectronics STB7101 Datasheet HTML 3Page - STMicroelectronics STB7101 Datasheet HTML 4Page - STMicroelectronics STB7101 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
STB7101
4/5
SOT323-6L MECHANICAL DATA
mm
Inch
MIN.
TYP.
MAX
MIN.
TYP.
MAX
A
0.8
1.1
0.031
0.043
A1
0
0.1
0
0.004
A2
0.8
1
0.0031
0.039
b
0.15
0.3
0.006
0.012
c
0.1
0.18
0.004
0.007
D
1.8
2.2
0.071
0.088
E
1.15
1.35
0.045
0.59
e
0.65
0.025
H
1.8
2.4
0.071
0.094
Q
0.1
0.4
0.004
0.016
DIM.



Html Pages

1 2 3 4 5