Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STB6NA80 Fiches technique(PDF) 9 Page - STMicroelectronics

No de pièce STB6NA80
Description  N - CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB6NA80 Fiches technique(HTML) 9 Page - STMicroelectronics

Back Button STB6NA80 Datasheet HTML 2Page - STMicroelectronics STB6NA80 Datasheet HTML 3Page - STMicroelectronics STB6NA80 Datasheet HTML 4Page - STMicroelectronics STB6NA80 Datasheet HTML 5Page - STMicroelectronics STB6NA80 Datasheet HTML 6Page - STMicroelectronics STB6NA80 Datasheet HTML 7Page - STMicroelectronics STB6NA80 Datasheet HTML 8Page - STMicroelectronics STB6NA80 Datasheet HTML 9Page - STMicroelectronics STB6NA80 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
4.3
4.6
0.169
0.181
A1
2.49
2.69
0.098
0.106
B
0.7
0.93
0.027
0.036
B2
1.25
1.4
0.049
0.055
C
0.45
0.6
0.017
0.023
C2
1.21
1.36
0.047
0.053
D
9
9.35
0.354
0.368
E
10
10.28
0.393
0.404
G
4.88
5.28
0.192
0.208
L
15
15.85
0.590
0.624
L2
1.27
1.37
0.050
0.054
L3
1.4
1.75
0.055
0.068
L2
L3
L
B2
B
G
E
A
C2
D
C
A1
TO-263 (D2PAK) MECHANICAL DATA
STB6NA80
9/10



Html Pages

1 2 3 4 5 6 7 8 9 10