Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

150473630EC Fiches technique(PDF) 3 Page - List of Unclassifed Manufacturers

No de pièce 150473630EC
Description  Flame Retardant Wrap and Fill Axial Leaded Capacitors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

150473630EC Fiches technique(HTML) 3 Page - List of Unclassifed Manufacturers

  150473630EC Datasheet HTML 1Page - List of Unclassifed Manufacturers 150473630EC Datasheet HTML 2Page - List of Unclassifed Manufacturers 150473630EC Datasheet HTML 3Page - List of Unclassifed Manufacturers 150473630EC Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
Type 150 Axial Leaded Metallized Polyester
Catalog
Cap
Inches Max
Millimeters Max
Catalog
Cap
Inches Max
Millimeters Max
Part Number
(µF)
D
L
Ød
D
L
Ød
Part Number
(µF)
D
L
Ød
D
L
Ød
250 Vdc/160 Vac
150683*400DC^
0.0680
0.276 0.807 0.024
7.0
20.5 0.6
150333*250AA^
0.0330
0.197 0.433 0.024
5.0
11.0 0.6
150823*400EC^
0.0820
0.315 0.807 0.031
8.0
20.5 0.8
150333*250BB^
0.0330
0.236 0.650 0.024
6.0
16.5 0.6
150104*400EC^
0.1000
0.315 0.807 0.031
8.0
20.5 0.8
150393*250AA^
0.0390
0.197 0.433 0.024
5.0
11.0 0.6
150124*400EC^
0.1200
0.315 0.807 0.031
8.0
20.5 0.8
150393*250BB^
0.0390
0.236 0.650 0.024
6.0
16.5 0.6
150154*400GC^
0.1500
0.354 0.807 0.031
9.0
20.5 0.8
150473*250AA^
0.0470
0.197 0.433 0.024
5.0
11.0 0.6
150184*400EE^
0.1800
0.315 1.102 0.031
8.0
28.0 0.8
150473*250BB^
0.0470
0.236 0.650 0.024
6.0
16.5 0.6
150224*400FE^
0.2200
0.335 1.102 0.031
8.5
28.0 0.8
150563*250AA^
0.0560
0.197 0.433 0.024
5.0
11.0 0.6
150274*400GE^
0.2700
0.354 1.102 0.031
9.0
28.0 0.8
150563*250BB^
0.0560
0.236 0.650 0.024
6.0
16.5 0.6
150334*400IE^
0.3300
0.394 1.102 0.031 10.0 28.0 0.8
150683*250BB^
0.0680
0.236 0.650 0.024
6.0
16.5 0.6
150394*400JE^
0.3900
0.413 1.102 0.031 10.5 28.0 0.8
150823*250BB^
0.0820
0.236 0.650 0.024
6.0
16.5 0.6
150474*400LF^
0.4700
0.453 1.299 0.031 11.5
33.0 0.8
150104*250CB^
0.1000
0.256 0.650 0.024
6.5
16.5 0.6
150564*400LF^
0.5600
0.453 1.299 0.031 11.5
33.0 0.8
150124*250DB^
0.1200
0.276 0.650 0.024
7.0
16.5 0.6
150684*400MF^
0.6800
0.492 1.299 0.031 12.5 33.0 0.8
150154*250EB^
0.1500
0.315 0.650 0.031
8.0
16.5 0.8
150824*400PF^
0.8200
0.531 1.299 0.031 13.5 33.0 0.8
150184*250EB^
0.1800
0.315 0.650 0.031
8.0
16.5 0.8
150105*400QF^
1.0000
0.571 1.299 0.031 14.5 33.0 0.8
150224*250FB^
0.2200
0.335 0.650 0.031
8.5
16.5 0.8
150155*400WF^
1.5000
0.689 1.299 0.031 17.5 33.0 0.8
150274*250EC^
0.2700
0.315 0.807 0.031
8.0
20.5 0.8
150225*400YF^
2.2000
0.807 1.299 0.031 20.5 33.0 0.8
150334*250FC^
0.3300
0.335 0.807 0.031
8.5
20.5 0.8
630 Vdc/220 Vac
150394*250GC^
0.3900
0.354 0.807 0.031
9.0
20.5 0.8
150102*630AA^
0.0010
0.197 0.433 0.024
5.0
11.0 0.6
150474*250HC^
0.4700
0.374 0.807 0.031
9.5
20.5 0.8
150102*630BB^
0.0010
0.236 0.650 0.024
6.0
16.5 0.6
150564*250IC^
0.5600
0.394 0.807 0.031 10.0 20.5 0.8
150122*630AA^
0.0012
0.197 0.433 0.024
5.0
11.0 0.6
150684*250GE^
0.6800
0.354 1.102 0.031
9.0
28.0 0.8
150122*630BB^
0.0012
0.236 0.650 0.024
6.0
16.5 0.6
150824*250HE^
0.8200
0.374 1.102 0.031
9.5
28.0 0.8
150152*630AA^
0.0015
0.197 0.433 0.024
5.5
11.0 0.6
150105*250JE^
1.0000
0.413 1.102 0.031 10.5 28.0 0.8
150152*630BB^
0.0015
0.236 0.650 0.024
6.0
16.5 0.6
150155*250ME^
1.5000
0.492 1.102 0.031 12.5 28.0 0.8
150182*630AA^
0.0018
0.197 0.433 0.024
5.5
11.0 0.6
150225*250PF^
2.2000
0.531 1.299 0.031 13.5 33.0 0.8
150182*630BB^
0.0018
0.236 0.650 0.024
6.0
16.5 0.6
150335*250TF^
3.3000
0.610 1.299 0.031 15.5 33.0 0.8
150222*630AA^
0.0022
0.197 0.433 0.024
5.5
11.0 0.6
150475*250XF^
4.7000
0.728 1.299 0.031 18.5 33.0 0.8
150222*630BB^
0.0022
0.236 0.650 0.024
6.0
16.5 0.6
150685*250ZF^
6.8000
0.845 1.299 0.031 21.5 33.0 0.8
150272*630AA^
0.0027
0.197 0.433 0.024
5.5
11.0 0.6
400 Vdc/200 Vac
150272*630BB^
0.0027
0.236 0.650 0.024
6.0
16.5 0.6
150822*400AA^
0.0082
0.197 0.433 0.024
5.0
11.0 0.6
150332*630AA^
0.0033
0.197 0.433 0.024
5.5
11.0 0.6
150822*400BB^
0.0082
0.236 0.650 0.024
6.0
16.5 0.6
150332*630BB^
0.0033
0.236 0.650 0.024
6.0
16.5 0.6
150103*400AA^
0.0100
0.197 0.433 0.024
5.0
11.0 0.6
150392*630AA^
0.0039
0.197 0.433 0.024
5.5
11.0 0.6
150103*400BB^
0.0100
0.236 0.650 0.024
6.0
16.5 0.6
150392*630BB^
0.0039
0.236 0.650 0.024
6.0
16.5 0.6
150123*400AA^
0.0120
0.197 0.433 0.024
5.0
11.0 0.6
150472*630AA^
0.0047
0.197 0.433 0.024
5.5
11.0 0.6
150123*400BB^
0.0120
0.236 0.650 0.024
6.0
16.5 0.6
150472*630BB^
0.0047
0.236 0.650 0.024
6.0
16.5 0.6
150153*400BB^
0.0150
0.236 0.650 0.024
6.0
16.5 0.6
150562*630AA^
0.0056
0.197 0.433 0.024
5.5
11.0 0.6
150183*400BB^
0.0180
0.236 0.650 0.024
6.0
16.5 0.6
150562*630BB^
0.0056
0.236 0.650 0.024
6.0
16.5 0.6
150223*400BB^
0.0220
0.236 0.650 0.024
6.0
16.5 0.6
* Indicates capacitance tolerance
^If ordering tape and reel,
150273*400BB^
0.0270
0.236 0.650 0.024
6.0
16.5 0.6
J = ±5%, K = ±10%, M = ±20%
insert 1, 2, or 3.
150333*400BB^
0.0330
0.236 0.650 0.024
6.0
16.5 0.6
See tape & reel specifications to determine which class applies.
150393*400CB^
0.0390
0.256 0.650 0.024
6.5
16.5 0.6
Part Number highlighted in yellow, available until stock is depleted.
150473*400DB^
0.0470
0.276 0.650 0.024
7.0
16.5 0.6
Replacement part number with “BB” case size.
150563*400EB^
0.0560
0.315 0.650 0.024
8.0
16.5 0.6



Html Pages

1 2 3 4