Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

066X563U7R5JS2 Fiches technique(PDF) 4 Page - List of Unclassifed Manufacturers

No de pièce 066X563U7R5JS2
Description  Standard, Axial Leaded, Aluminum
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

066X563U7R5JS2 Fiches technique(HTML) 4 Page - List of Unclassifed Manufacturers

  066X563U7R5JS2 Datasheet HTML 1Page - List of Unclassifed Manufacturers 066X563U7R5JS2 Datasheet HTML 2Page - List of Unclassifed Manufacturers 066X563U7R5JS2 Datasheet HTML 3Page - List of Unclassifed Manufacturers 066X563U7R5JS2 Datasheet HTML 4Page - List of Unclassifed Manufacturers 066X563U7R5JS2 Datasheet HTML 5Page - List of Unclassifed Manufacturers 066X563U7R5JS2 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Type 066/066R 85 °C & 105 °C, Standard, Axial Leaded, Aluminum
16 Vdc (20 Vdc Surge) (cont’d)
22000
066223U016JT2
0.037
0.022
4.9
5.5
1 x 3 5/8
22000
066R223U016JP2
0.049
0.028
5.3
6.1
1 x 2 5/8
22000
066X223U016JL2
0.063
0.036
3.0
3.5
1 x 2 1/8
27000
066R273U016JS2
0.042
0.024
6.2
7.0
1 x 3 1/8
27000
066X273U016JP2
0.049
0.028
3.7
4.3
1 x 2 5/8
33000
066R333U016JT2
0.037
0.022
6.9
7.8
1 x 3 5/8
33000
066X333U016JS2
0.042
0.024
4.3
4.9
1 x 3 1/8
39000
066X393U016JT2
0.037
0.022
4.9
5.5
1 x 3 5/8
25 Vdc (35 Vdc Surge)
560
066561U025FE2
0.510
0.267
0.66
0.87
5/8 x 11/8
820
066821U025GE2
0.340
0.178
0.82
1.1
3/4 x 11/8
1000
066102U025FJ2
0.260
0.133
1.1
1.5
5/8 x 1 5/8
1200
066122U025HE2
0.240
0.126
1.1
1.3
7/8 x 1 1/8
1800
066182U025GJ2
0.170
0.089
1.4
1.8
3/4 x 1 5/8
1800
066R182U025GE2
0.330
0.170
1.2
1.5
3/4 x 1 1/8
2200
066X222U025GE2
0.330
0.170
0.84
1.1
3/4 x 1 1/8
2700
066272U025HJ2
0.120
0.065
1.8
2.1
7/8 x 1 5/8
3900
066392U025HL2
0.082
0.045
2.5
3.0
7/8 x 2 1/8
3900
066R392U025GJ2
0.170
0.089
2.0
2.6
3/4 x 1 5/8
4700
066X472U025GJ2
0.170
0.089
1.4
1.8
3/4 x 1 5/8
5600
066562U025JL2
0.066
0.037
2.8
3.3
1 x 2 1/8
5600
066R562U025HJ2
0.120
0.062
2.6
3.2
7/8 x 1 5/8
6800
066682U025JP2
0.051
0.030
3.5
4.1
1 x 2 5/8
6800
066X682U025HJ2
0.120
0.062
1.8
2.2
7/8 x 1 5/8
8200
066822U025JS2
0.043
0.025
4.1
4.7
1 x 3 1/8
8200
066R822U025HL2
0.080
0.043
3.6
4.4
7/8 x 2 1/8
10000
066103U025JT2
0.038
0.023
4.7
5.2
1 x 3 5/8
10000
066xl03U025HL2
0.080
0.043
2.5
3.1
7/8 x 2 l/8
12000
066R123U025JL2
0.062
0.035
4.2
5.0
1 x 2 1/8
15000
066R153U025JP2
0.049
0.027
5.2
6.1
1 x 2 5/8
15000
066X153U025JL2
0.062
0.035
3.0
3.5
1 x 2 1/8
18000
066X183U025JP2
0.049
0.027
3.7
4.3
1 x 2 5/8
22000
066R223U025JS2
0.041
0.024
6.1
7.0
1 x 3 1/8
22000
066R223U025JT2
0.037
0.021
6.9
7.8
1 x 3 5/8
22000
066X223U025JS2
0.041
0.024
4.3
5.0
1 x 3 1/8
27000
066X273U025JT2
0.037
0.021
4.9
5.5
1 x 3 5/8
35 Vdc (45 Vdc Surge)
470
066471U035FE2
0.540
0.267
0.64
0.86
5/8 x 1 1/8
680
066681U035GE2
0.350
0.178
0.8
1.0
3/4 x 1 1/8
820
066821U035FJ2
0.270
0.133
1.1
1.4
5/8 x 1 5/8
1200
066122U035HE2
0.250
0.126
1.0
1.3
7/8 x 1 1/8
1200
066R122LI035GE2 0.350
0.178
1.1
1.5
3/4 x 1 1/8
1500
066152U035GJ2
0.180
0.089
1.3
1.7
3/4 x 1 5/8
1500
066X152U035GE2
0.350
0.178
0.8
1.0
3/4 x 1 1/8
2200
066222U035HJ2
0.120
0.065
1.7
2.1
7/8 x 1 5/8
2200
066R222U035GJ2
0.180
0.089
1.9
2.5
3/4 x 1 5/8
2700
066272U035GP2
0.098
0.05
3.3
4.2
3/4 x 2 5/8
3300
066332U035HL2
0.085
0.045
2.4
3.0
7/8 x 2 1/8
3300
066X332U035GJ2
0.180
0.089
1.3
1.7
3/4 x 1 5/8
3900
066R392U035HJ2
0.120
0.065
2.4
3.0
7/8 x 1 5/8
4700
066X472U035HJ2
0.120
0.065
1.7
2.1
7/8 x 1 5/8
4700
066472U035JL2
0.068
0.038
2.8
3.3
1 x 2 1/8
5600
066562U035JP2
0.053
0.03
3.5
4.1
1 x 2 5/8
5600
066R562U035HL2
0.085
0.045
3.4
4.2
7/8 x 2 1/8
6800
066X682U035HL2
0.085
0.045
2.4
3.0
7/8 x 2 1/8
35 Vdc (45 Vdc Surge) (cont’d)
8200
066822U035JS2
0.045
0.025
4.1
4.7
1 x 3 1/8
8200
066R822U035JL2
0.067
0.037
4.0
4.7
1 x 2 1/8
10000
066R103U035JP2
0.053
0.030
4.9
5.8
1 x 2 5/8
10000
066X103U035JL2
0.067
0.037
2.8
3.3
1 x 2 1/8
12000
066R123U035JS2
0.044
0.025
5.8
6.7
1 x 3 1/8
12000
066X123U035JP2
0.053
0.030
3.5
4.1
1 x 2 5/8
15000
066R153U035JT2
0.039
0.023
6.5
7.4
1 x 3 5/8
18000
066X183U035JT2
0.039
0.023
4.6
5.3
1 x 3 5/8
50 Vdc (70 Vdc Surge)
270
066271U050FE2
0.680
0.274
0.54
0.84
5/8 x 1 1/8
470
066471U050GE2
0.450
0.185
0.68
1.0
3/4 x 1 1/8
560
066561U050FJ2
0.340
0.141
0.91
1.4
5/8 x 1 5/8
680
066681U050HE2
0.310
0.133
0.88
1.3
7/8 x 1 1/8
680
066R681U050GE2
0.450
0.185
0.96
1.4
3/4 x 1 1/8
820
066821U050GJ2
0.230
0.096
1.1
1.7
3/4 x 1 5/8
820
066X821U050GE2
0.450
0.185
0.68
1.0
3/4 x 1 1/8
1000
066102U050JE2
0.240
0.104
1.0
1.4
1 x 1 1/8
1200
066122U050HJ2
0.160
0.067
1.5
2.1
7/8 x 1 5/8
1200
066R122U050GJ2
0.230
0.096
1.6
2.4
3/4 x 1 5/8
1500
066152U050FS2
0.140
0.060
2.0
3.0
5/8 x 3 1/8
1800
066182U050HL2
0.110
0.047
2.1
2.9
7/8 x 2 1/8
1800
066X182U050GJ2
0.230
0.096
1.1
1.7
3/4 x 1 5/8
2200
066R222U050HJ2
0.160
0.067
2.1
3.0
7/8 x 1 5/8
2700
066272U050JL2
0.083
0.039
2.5
3.2
1 x 2 1/8
2700
066X272U050HJ2
0.160
0.067
1.5
2.1
7/8 x 1 5/8
3300
066332U050HS2
0.068
0.031
3.1
4.2
7/8 x 3 1/8
3300
066R332U050HL2
0.110
0.046
3.0
4.1
7/8 x 2 1/8
3900
066392U050JP2
0.064
0.030
3.1
4.0
1 x 2 5/8
3900
066R392U050JL2
0.082
0.038
3.5
4.6
1 x 2 1/8
3900
066X392U050HL2
0.110
0.046
2.1
2.9
7/8 x 2 1/8
4700
066472U050JS2
0.054
0.026
3.7
4.6
1 x 3 1/8
5600
066562U050JT2
0.047
0.023
4.2
5.2
1 x 3 5/8
5600
066R562U050JP2
0.064
0.030
4.4
5.7
1 x 2 5/8
5600
066X562UOSOJL2
0.082
0.038
2.5
3.3
1 x 2 1/8
6800
066R682U050JS2
0.053
0.026
5.2
6.6
1 x 3 1/8
6800
066X682U050JP2
0.064
0.030
3.1
4.0
1 x 2 5/8
8200
066R822U050JT2
0.047
0.023
5.9
7.4
1 x 3 5/8
10000
066X103U050JS2
0.053
0.026
3.7
4.7
1 x 3 1/8
12000
066X123U050JT2
0.047
0.023
4.2
5.2
1 x 3 5/8
63 Vdc (80 Vdc Surge)
180
066181U063FE2
0.810
0.281
0.48
0.83
5/8 x 1 1/8
270
066271U063GE2
0.530
0.185
0.6
1.0
3/4 x 1 1/8
390
066391U063FJ2
0.410
0.141
0.81
1.4
5/8 x 1 5/8
470
066R471U063GE2
0.530
0.185
0.86
1.4
3/4 x 1 1/8
560
066561U063GJ2
0.270
0.096
1.0
1.7
3/4 x 1 5/8
560
066X561U063GE2
0.530
0.185
0.61
1.0
3/4 x 1 1/8
680
066681U063JE2
0.280
0.111
0.96
1.4
1 x 1 1/8
820
066821U063HJ2
0.180
0.068
1.3
2.1
7/8 x 1 5/8
820
066R821U063GJ2
0.270
0.096
1.4
2.4
3/4 x 1 5/8
1000
066102U063FS2
0.170
0.061
1.8
2.9
5/8 x 3 1/8
1200
066122U063GP2
0.140
0.053
2.6
4.1
3/4 x 2 5/8
1200
066X122U063GJ2
0.270
0.096
1.0
1.7
3/4 x 1 5/8
1500
066152U063HL2
0.120
0.047
1.9
2.9
7/8 x 2 1/8
1500
066R152U063HJ2
0.180
0.067
1.9
2.9
7/8 x 1 5/8
1800
066182U063JL2
0.095
0.039
2.3
3.2
1 x 2 1/8
Ripple A
Nominal
Cap.
Catalog
ESR Max.
Ω
@ 85
°C
Size (in)
Part Number
120 Hz 20 kHz 120 Hz 20 kHz
D x L
Ripple A
Nominal
Cap.
Catalog
ESR Max.
Ω
@ 85
°C
Size (in)
Part Number
120 Hz 20 kHz 120 Hz 20 kHz
D x L
( F)
( F)
CDM Cornell Dubilier • 140 Technology Place. • Liberty, SC• 29657 • Phone: (864)843-2277 • Fax: (864) 843-3800 • www.cde.com



Html Pages

1 2 3 4 5 6