Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

301273U6R3JS2 Fiches technique(PDF) 10 Page - List of Unclassifed Manufacturers

No de pièce 301273U6R3JS2
Description  High Capacitance and Ultra-Low ESR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

301273U6R3JS2 Fiches technique(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button 301273U6R3JS2 Datasheet HTML 3Page - List of Unclassifed Manufacturers 301273U6R3JS2 Datasheet HTML 4Page - List of Unclassifed Manufacturers 301273U6R3JS2 Datasheet HTML 5Page - List of Unclassifed Manufacturers 301273U6R3JS2 Datasheet HTML 6Page - List of Unclassifed Manufacturers 301273U6R3JS2 Datasheet HTML 7Page - List of Unclassifed Manufacturers 301273U6R3JS2 Datasheet HTML 8Page - List of Unclassifed Manufacturers 301273U6R3JS2 Datasheet HTML 9Page - List of Unclassifed Manufacturers 301273U6R3JS2 Datasheet HTML 10Page - List of Unclassifed Manufacturers 301273U6R3JS2 Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
CDM Cornell Dubilier
• 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800 • www.cde.com
Type 300/301 –55 ºC to 105 ºC Long-Life, Switching Power Grade Radial
Cap.
(µF)
Catalog
Part Number
ESR MAX
@ 25°C
120 Hz 20 kHz
(mΏ)
Ripple MAX
@ 85ºC
120 Hz 20 kHz
(mΏ)
Nom Size
Insulated
D x L
(in)
Cap.
(µF)
Catalog
Part Number
ESR MAX
@ 25°C
120 Hz 20 kHz
(mΏ)
Ripple MAX
@ 85ºC
120 Hz 20 kHz
(mΏ)
Nom Size
Insulated
D x L
(in)
560 301561U075GJ2
181.0
77.8
1.67
2.41
.77 x 1.65
270 301R271U100GJ2 252.0
95.9
1.42
2.17
.77 x 1.65
560 301R561U075GJ2
157.0
67.4
1.80
2.59
.77 x 1.65
330 301331U100LQ2
249.0
55.0
0.81
2.94
.73 x 1.48
680 301681U075JE2
178.0
88.8
1.76
2.34
1.02 x 1.15
330 301331U100JE2
273.0
109.0 1.42
2.11
1.02 x 1.15
680 301R681U075JE2
154.0
67.7
1.89
2.68
1.02 x 1.15
330 301R331U100JE2
237.0
92.3
1.52
2.30
1.02 x 1.15
1000 301102U075GL2
122.0
52.3
2.56
3.68
.77 x 2.15
390 301391U100LV2
210.0
47.0
0.87
3.35
.73 x 1.63
1000 301R102U075GL2
105.0
45.3
2.75
3.95
.77 x 2.15
470 301471U100GL2
195.0
74.1
2.02
3.09
.77 x 2.15
1000 301102U075HJ2
118.0
54.3
2.44
3.39
.895 x 1.65
470 301R471U100GL2 169.0
64.3
2.17
3.32
.77 x 2.15
1000 301R102U075HJ2
102.0
44.0
2.62
3.77
.895 x 1.65
470 301471U100HJ2
186.0
70.8
1.94
2.97
.895 x 1.65
1200 301122U075GP2
92.0
39.5
3.28
4.71
.77 x 2.65
470 301R471U100HJ2
162.0
61.4
2.09
3.19
.895 x 1.65
1200 301R122U075GP2
79.7
34.3
3.52
5.06
.77 x 2.65
560 301561U100GP2
147.0
55.9
2.59
3.96
.77 x 2.65
1500 301152U075GS2
74.4
32.0
3.98
5.72
.77 x 3.15
560 301R561U100GP2 128.0
48.5
2.78
4.26
.77 x 2.65
1500 301R152U075GS2
64.4
27.7
4.27
6.15
.77 x 3.15
680 301681U100GS2
119.0
45.0
3.15
4.82
.77 x 3.15
1500 301152U075HL2
79.7
36.6
3.44
4.79
.895 x 2.15
680 301R681U100GS2 103.0
39.0
3.39
5.18
.77 x 3.15
1500 301R152U075HL2
64.2
27.6
3.84
5.52
.895 x 2.15
680 301681U100HL2
125.0
47.6
2.75
4.20
.895 x 2.15
1500 301152U075JJ2
89.9
44.9
3.04
4.05
1.02 x 1.65
680 301R681U100HL2 104.0
39.4
3.02
4.62
.895 x 2.15
1500 301R152U075JJ2
77.9
34.3
3.26
4.64
1.02 x 1.65
680 301681U100JJ2
138.0
55.1
2.45
3.66
1.02 x 1.65
1800 301182U075GT2
62.7
27.0
4.62
6.64
.77 x 3.65
680 301R681U100JJ2
119.0
46.5
2.64
3.98
1.02 x 1.65
1800 301R182U075GT2
54.3
23.4
4.96
7.13
.77 x 3.65
820 301821U100GT2
99.5
37.8
3.67
5.61
.77 x 3.65
2200 301222U075HP2
60.6
27.9
4.39
6.11
.895 x 2.65
820 301R821U100GT2
86.2
32.8
3.94
6.02
.77 x 3.65
2200 301R222U075HP2
48.5
20.9
4.91
7.06
.895 x 2.65
1000 301102U100HP2
94.7
36.0
3.51
5.38
.895 x 2.65
2200 301222U075JL2
60.8
30.4
4.24
5.65
1.02 x 2.15
1000 301R102U100HP2
78.1
29.7
3.87
5.92
.895 x 2.65
2200 301R222U075JL2
46.2
20.3
4.86
6.91
1.02 x 2.15
1000 301102U100JL2
92.7
37.1
3.43
5.12
1.02 x 2.15
2700 301272U075HS2
49.2
22.6
5.32
7.39
.895 x 3.15
1000 301R102U100JL2
73.8
28.8
3.85
5.81
1.02 x 2.15
2700 301R272U075HS2
39.1
16.8
5.96
8.57
.895 x 3.15
1200 301122U100HS2
76.5
29.1
4.26
6.52
.895 x 3.15
2700 301272U075HT2
41.8
19.2
6.17
8.58
.895 x 3.65
1200 301R122U100HS2
62.8
23.9
4.71
7.20
.895 x 3.15
2700 301R272U075HT2
32.9
14.2
6.95
9.99
.895 x 3.65
1200 301122U100HT2
64.5
24.5
4.96
7.59
.895 x 3.65
2700 301272U075JP2
46.4
23.2
5.39
7.18
1.02 x 2.65
1200 301R122U100HT2
52.6
20.0
5.50
8.41
.895 x 3.65
2700 301R272U075JP2
35.0
15.4
6.21
8.82
1.02 x 2.65
1200 301122U100JP2
70.3
28.1
4.38
6.53
1.02 x 2.65
3300 301332U075JS2
37.9
19.0
6.47
8.63
1.02 x 3.15
1200 301R122U100JP2
55.7
21.7
4.92
7.43
1.02 x 2.65
3300 301R332U075JS2
28.3
12.5
7.49
10.60
1.02 x 3.15
1500 301152U100JS2
57.0
22.8
5.28
7.87
1.02 x 3.15
3900 301392U075JT2
32.4
16.2
7.53
10.00
1.02 x 3.65
1500 301R152U100JS2
44.9
17.5
5.95
8.99
1.02 x 3.15
3900 301R392U075JT2
23.9
10.5
8.76
12.40
1.02 x 3.65
2200 301222U100JT2
48.3
19.3
6.17
9.19
1.02 x 3.65
100 Vdc (140 Vdc Surge)
2200 301R222U100JT2
37.7
14.7
6.97
10.50
1.02 x 3.65
47 301470U100EG2
1770.0
345.0
0.38
0.74
.51 x .85
160 Vdc (200 Vdc Surge)
68 301680U100EM2
1160.0
183.0
0.42
1.10
.51 x 1.10
15 301150U160EG2
17500.0 1450.0 0.12
0.40
.51 x .85
100 301101U100EN2
756.0
149.0
0.52
1.37
.51 x 1.38
22 301220U160EK2
12800.0 960.0 0.14
0.52
.51 x 1.04
120 301121U100FK2
686.0
139.0
0.55
1.48
.65 x 1.04
27 301270U160EM2
9700.0 720.0 0.18
0.66
.51 x 1.10
150 301151U100ER2
519.0
104.0
0.61
1.83
.51 x 1.73
39 301390U160EN2
6210.0 600.0 0.23
0.74
.51 x 1.38
150 301151U100GE2
581.0
221.0
0.85
1.30
.77 x 1.15
47 301470U160FK2
6000.0 620.0 0.23
0.70
.65 x 1.04
150 301R151U100GE2
503.0
191.0
0.91
1.39
.77 x 1.15
56 301560U160ER2
5110.0
500.0 0.28
0.89
.51 x 1.73
180 301181U100FF2
450.0
93.0
0.64
2.00
.65 x 1.32
56 301560T160GE2
1817.0 690.0 0.48
0.73
.77 x 1.15
220 301221U100FQ2
365.0
76.0
0.69
2.31
.65 x 1.48
68 301680U160FF2
3500.0 350.0 0.36
1.15
.65 x 1.32
220 301221U100HE2
371.0
141.0
1.16
1.78
.895 x 1.15
82 301820U160FQ2
2950.0 320.0 0.50
1.53
.65 x 1.48
220 301R221U100HE2
321.0
122.0
1.25
1.91
.895 x 1.15
82 301820T160HE2
1169.0
444.0 0.66
1.00
.895 x 1.15
270 301271U100FV2
298.0
63.0
0.75
2.64
.65 x 1.65
100 301101U160LQ2
2540.0 210.0 0.47
1.65
.73 x 1.48
270 301271U100GJ2
291.0
111.0
1.32
2.02
.77 x 1.65
100 301101T160GJ2
1019.0 387.0 0.71
1.08
.77 x 1.65



Html Pages

1 2 3 4 5 6 7 8 9 10 11