| Moteur de recherche de fiches techniques de composants électroniques |
|
VOF-45-9 Fiches technique(PDF) 2 Page - CUI INC |
|
|
|||||||||||||||||||||||||||||
VOF-45-9 Fiches technique(HTML) 2 Page - CUI INC |
|
2 / 3 page ![]() VOF-45 Series Switching Power Supply Rev. 07-2007 2 / 3 V-INFINITY LLC, 20050 SW 112th Ave., Tualatin, OR 97062 1-866-372-1258 www.v-infinity.com Input Parameter Conditions/Description Min Nom Max Units Input Frequency 47 63 Hz Input Voltage Output power derated from 85-90 VAC 85 264 VAC Input Current AC Input of 110 VAC 1000 mA AC Input of 220 VAC 500 mA Inrush Current Measured at 110 VAC at full load, cold start 25 A Measured at 220 VAC at full load, cold start 50 A Input fuse Built-in, non-user serviceable. Output Parameter Conditions/Description Min Nom Max Units Efficiency See table above. Typical values measured at 115 VAC, full load. Hold up time At 115 VAC, full load 8 mS Adjustability Adjustable with built-in trim pot. - 5 +5 % Temp. Coefficient -0.05 +0.05 %/ºC Protection Circuit Parameter Conditions/Description Overload Current limiting starts at 105% of the rated output current and recovers automatically. Output Over-voltage Output voltage is limited to 115% by TVS clamping. Short Circuit Protected. Long term short circuit may reduce reliability. General and Safety Parameter Conditions/Description Min Nom Max Units Switching frequency 60 KHz Operating temp. See derating curves. 0 50 ºC Storage temp. -20 85 ºC Operating humid. Non-condensing 20% 90% RH Storage humid. Non-condensing 20% 95% RH Operating altitude 3,000 m 10,000 ft Storage altitude 9,000 m 30,000 ft EMI Conducted emissions comply with FCC class B, EN55022 class B Safety Approved to TUV EN60950, CE, CB; UL/cUL 60950-1 RoHS 2002/95/EC Leakage Current Per EN60950, 264 VAC 1.5 mA Isolation Voltage Applied for 1 minute. (HI-POT) Primary to secondary: 3000 VAC Primary to transformer core: 1500 VAC Primary to earth ground: 1500 VAC Insulation Resistance Measured at 500 VDC, at room temp. 50 MΩ MTBF ( @ 25ºC) MIL-HDBK-217F 250K hours Warranty Standard Warranty Length 2 years |