Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STB10NA40 Fiches technique(PDF) 8 Page - STMicroelectronics

No de pièce STB10NA40
Description  N - CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB10NA40 Fiches technique(HTML) 8 Page - STMicroelectronics

Back Button STB10NA40 Datasheet HTML 2Page - STMicroelectronics STB10NA40 Datasheet HTML 3Page - STMicroelectronics STB10NA40 Datasheet HTML 4Page - STMicroelectronics STB10NA40 Datasheet HTML 5Page - STMicroelectronics STB10NA40 Datasheet HTML 6Page - STMicroelectronics STB10NA40 Datasheet HTML 7Page - STMicroelectronics STB10NA40 Datasheet HTML 8Page - STMicroelectronics STB10NA40 Datasheet HTML 9Page - STMicroelectronics STB10NA40 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
4.3
4.6
0.169
0.181
A1
2.49
2.69
0.098
0.106
B
0.7
0.93
0.027
0.036
B1
1.2
1.38
0.047
0.054
B2
1.25
1.4
0.049
0.055
C
0.45
0.6
0.017
0.023
C2
1.21
1.36
0.047
0.053
D
9
9.35
0.354
0.368
e
2.44
2.64
0.096
0.104
E
10
10.28
0.393
0.404
L
13.2
13.5
0.519
0.531
L1
3.48
3.78
0.137
0.149
L2
1.27
1.37
0.050
0.054
L
L1
D
L2
TO-262 (I2PAK) MECHANICAL DATA
STB10NA40
8/10



Html Pages

1 2 3 4 5 6 7 8 9 10