Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

START420 Fiches technique(PDF) 5 Page - STMicroelectronics

No de pièce START420
Description  NPN Silicon RF Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

START420 Fiches technique(HTML) 5 Page - STMicroelectronics

  START420 Datasheet HTML 1Page - STMicroelectronics START420 Datasheet HTML 2Page - STMicroelectronics START420 Datasheet HTML 3Page - STMicroelectronics START420 Datasheet HTML 4Page - STMicroelectronics START420 Datasheet HTML 5Page - STMicroelectronics START420 Datasheet HTML 6Page - STMicroelectronics START420 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5/7
START420
TAPE & REEL DIMENSIONS
mm
MIN.
TYP.
MAX
A
178.5
179
179.5
C
12.8
13.0
13.5
D
20.2
N
54.5
55
55.5
T
14.4
Ao
2.25
Bo
2.7
Ko
1.2
Po
3.8 (cumulative 10 Po)
4.0
4.2 (cumulative 10 Po)
P
4.0
DEVICE ORIENTATION
TOP VIEW
END VIEW
420
420
420
420



Html Pages

1 2 3 4 5 6 7