| Moteur de recherche de fiches techniques de composants électroniques |
|
STA015 Fiches technique(PDF) 37 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STA015 Fiches technique(HTML) 37 Page - STMicroelectronics |
|
37 / 44 page ![]() RESET D98AU974 treset_low_min 5.4.5. RESET The Reset min duration (t_reset_low_min) is 100ns HW RESET set PCM OUTPUT INTERFACE CONFIGURATION set set PCM-DIVIDER PCM-CONF. PLL FRAC_441_H, PLL FRAC_441_L, PLL FRAC_H, PLL FRAC_L } { set MFS DF_441, MFSDF } { PLL CONFIGURATION FOR: set PLL CTRL 48, 44.1, 32 29, 22.05, 16 12, 11.025, 8 } KHz • { set SCLK_POL INPUT SERIAL CLOCK POLARITY CONFIGURATION set DATA_REQ_ENABLE DATA REQUEST PIN ENABLE set REQ_POL DATA REQUEST POLARITY CONFIGURATION RUN set • MULTIMEDIA MODE see {TAB 5 to TAB12} THE OVERALL SETTING STEPS ARE INCLUDED IN THE STA015 CONFIGURATION FILE AND CAN BE DOWNLOADED IN ONE STEP. STM PROVIDES A SPECIFIC CONFIGURATION FILE FOR EACH SUPPORTED INPUT CLOCK FREQUENCY D00AU1146 5.5. CONFIGURATION FLOW STA015-STA015B-STA015T 37/44 |