| Moteur de recherche de fiches techniques de composants électroniques |
|
STA014 Fiches technique(PDF) 38 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STA014 Fiches technique(HTML) 38 Page - STMicroelectronics |
|
38 / 45 page ![]() RESET D98AU974 treset_low_min 5.4.5. RESET The Reset min duration (t_reset_low_min) is 100ns HW RESET set PCM OUTPUT INTERFACE CONFIGURATION set set PCM-DIVIDER PCM-CONF. PLL FRAC_441_H, PLL FRAC_441_L, PLL FRAC_H, PLL FRAC_L } { set MFS DF_441, MFSDF } { PLL CONFIGURATION FOR: set PLL CTRL 48, 44.1, 32 29, 22.05, 16 12, 11.025, 8 } KHz • { set SCKR_POL INPUT SERIAL CLOCK POLARITY CONFIGURATION set CHIP_MODE SELECT OPERATIONAL MODE set REQ_POL DATA REQUEST POLARITY CONFIGURATION RUN set • MULTIMEDIA MODE see {TAB 5 to TAB12} D00AU1146A 5.5. CONFIGURATION FLOW EXAMPLE STA014-STA014B-STA014T 38/45 |