Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST92F120V9Q Fiches technique(PDF) 22 Page - STMicroelectronics

No de pièce ST92F120V9Q
Description  8/16-BIT FLASH MCU FAMILY WITH RAM, EEPROM AND J1850 BLPD
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92F120V9Q Fiches technique(HTML) 22 Page - STMicroelectronics

Back Button ST92F120V9Q Datasheet HTML 18Page - STMicroelectronics ST92F120V9Q Datasheet HTML 19Page - STMicroelectronics ST92F120V9Q Datasheet HTML 20Page - STMicroelectronics ST92F120V9Q Datasheet HTML 21Page - STMicroelectronics ST92F120V9Q Datasheet HTML 22Page - STMicroelectronics ST92F120V9Q Datasheet HTML 23Page - STMicroelectronics ST92F120V9Q Datasheet HTML 24Page - STMicroelectronics ST92F120V9Q Datasheet HTML 25Page - STMicroelectronics ST92F120V9Q Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 320 page
background image
22/320
ST92F120 - GENERAL DESCRIPTION
P4.1
All ports useable
for general pur-
pose I/O (input,
output or bidirec-
tional)
-
15
I/O
P4.2
-
16
OCMPA1
O Ext. Timer 1 - Output Compare A
P4.3
-
19
ICAPB1
I
Ext. Timer 1 - Input Capture B
OCMPB1
O Ext. Timer 1 - Output Compare B
P4.4
9
20
EXTCLK1
I
Ext. Timer 1 - Input Clock
WKUP4
I
Wake-up Line 4
P4.5
10
21
EXTRG
I
A/D 0 and A/D 1 - Ext. Trigger
STOUT
O Standard Timer Output
P4.6
11
22
SDA
I/O I2CData
P4.7
12
23
WKUP1
I
Wake-up Line 1
SCL
I/O I2C Clock
P5.0
1
6
WAIT
I
External Wait Request
WKUP5
I
Wake-up Line 5
P5.1
2
7
WKUP6
I
Wake-up Line 6
WDOUT
O Watchdog Timer Output
P5.2
3
8
SIN0
I
SCI0 - Serial Data Input
WKUP2
I
Wake-up Line 2
P5.3
4
9
SOUT0
O SCI0 - Serial Data Output
P5.4
5
10
TXCLK0
I
SCI0 - Transmit Clock Input
CLKOUT0
O SCI0 - Clock Output
P5.5
6
11
RXCLK0
I
SCI0 - Receive Clock Input
WKUP7
I
Wake-up Line 7
P5.6
7
12
DCD0
I
SCI0 - Data Carrier Detect
WKUP8
I
Wake-up Line 8
P5.7
8
13
WKUP9
I
Wake-up Line 9
RTS0
O SCI0 - Request To Send
P6.0
43
67
INT0
I
External Interrupt 0
INT1
I
External Interrupt 1
CLOCK2/
8
O CLOCK2 divided by 8
P6.1
-
68
INT6
I
External Interrupt 6
RW
O Read/Write
P6.2
44
69
INT2
I
External Interrupt 2
INT4
I
External Interrupt 4
DS2
O Data Strobe 2
Port
Name
General
Purpose I/O
Pin No.
Alternate Function s
TQFP64 PQFP100
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More