Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST92F120JR6T Fiches technique(PDF) 58 Page - STMicroelectronics

No de pièce ST92F120JR6T
Description  8/16-BIT FLASH MCU FAMILY WITH RAM, EEPROM AND J1850 BLPD
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92F120JR6T Fiches technique(HTML) 58 Page - STMicroelectronics

Back Button ST92F120JR6T Datasheet HTML 54Page - STMicroelectronics ST92F120JR6T Datasheet HTML 55Page - STMicroelectronics ST92F120JR6T Datasheet HTML 56Page - STMicroelectronics ST92F120JR6T Datasheet HTML 57Page - STMicroelectronics ST92F120JR6T Datasheet HTML 58Page - STMicroelectronics ST92F120JR6T Datasheet HTML 59Page - STMicroelectronics ST92F120JR6T Datasheet HTML 60Page - STMicroelectronics ST92F120JR6T Datasheet HTML 61Page - STMicroelectronics ST92F120JR6T Datasheet HTML 62Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 320 page
background image
58/320
ST92F120 - SINGLE VOLTAGE FLASH & EEPROM
Figure 28. Flash in-system Programming.
TestFlash Code
Start
Initialisation
Enable Serial
Interface
Jump to Flash
Main
Code
In-system
prog routine
Flash
virgin ?
Erase sectors
Yes
No
Load 1st table
of data in RAM
through S.I.
Prog 1st table
of data from
RAM in Flash
Load 2nd table
of data in RAM
through SCI
Inc. Address
Last
Address ?
RET
Yes
No
Code Update
Routine
Enable DMA
Load in-system
prog routine
in internal RAM
through SCI.
Call in-system
prog routine
HALT
Address
Match
Interrupt
(from SCI)
User
Test
Internal RAM (User Code Example)
SOUT0
=0 ?
Yes
No
WFI
Flash
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More