Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST92F120JR6T Fiches technique(PDF) 279 Page - STMicroelectronics

No de pièce ST92F120JR6T
Description  8/16-BIT FLASH MCU FAMILY WITH RAM, EEPROM AND J1850 BLPD
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92F120JR6T Fiches technique(HTML) 279 Page - STMicroelectronics

Back Button ST92F120JR6T Datasheet HTML 275Page - STMicroelectronics ST92F120JR6T Datasheet HTML 276Page - STMicroelectronics ST92F120JR6T Datasheet HTML 277Page - STMicroelectronics ST92F120JR6T Datasheet HTML 278Page - STMicroelectronics ST92F120JR6T Datasheet HTML 279Page - STMicroelectronics ST92F120JR6T Datasheet HTML 280Page - STMicroelectronics ST92F120JR6T Datasheet HTML 281Page - STMicroelectronics ST92F120JR6T Datasheet HTML 282Page - STMicroelectronics ST92F120JR6T Datasheet HTML 283Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 279 / 320 page
background image
279/320
J1850 Byte Level Protocol Decoder (JBLPD)
J1850 BYTE LEVEL PROTOCOL DECODER (Cont’d)
JBLPD CURRENT REGISTER 0 (CREG0)
R252- Read/Write
Register Page: 23
Reset Value: xxxx xxxx (xxh)
Depending on the RSEL[3:0] value of the OP-
TIONS register, this register is one of the following
stacked registers: RDAPR, FREG0, FREG4,
FREG8, FREG12, FREG16, FREG20, FREG24,
FREG28.
JBLPD CURRENT REGISTER 1 (CREG1)
R253 - Read/Write
Register Page: 23
Reset Value: xxxx xxxx (xxh)
Depending on the RSEL[3:0] value of the OP-
TIONS register, this register is one of the following
stacked registers: RDCPR, FREG1, FREG5,
FREG9, FREG13, FREG17, FREG21, FREG25,
FREG29.
JBLPD CURRENT REGISTER 2 (CREG2)
R254- Read/Write
Register Page: 23
Reset Value: xxxx xxxx (xxh)
Depending on the RSEL[3:0] value of the OP-
TIONS register, this register is one of the following
stacked registers:
TDAPR, FREG2, FREG6,
FREG10, FREG14, FREG18, FREG22, FREG26,
FREG30.
JBLPD CURRENT REGISTER 3 (CREG3)
R255- Read/Write
Register Page: 23
Reset Value: xxxx xxxx (xxh)
Depending on the RSEL[3:0] value of the OP-
TIONS register, this register is one of the following
stacked registers: TDCPR, FREG3, FREG7,
FREG11, FREG15, FREG19, FREG23, FREG27,
FREG31.
Table 54. Stacked registers map
70
b7
b6
b5
b4
b3
b2
b1
b0
70
b7
b6
b5
b4
b3
b2
b1
b0
70
b7
b6
b5
b4
b3
b2
b1
b0
70
b7
b6
b5
b4
b3
b2
b1
b0
RSEL[3:0]
Current
Registers
0000b
1000b
1001b
1010b
1011b
1100b
1101b
1110b
1111b
CREG0
RDAPR
FREG0
FREG4
FREG8
FREG12
FREG16
FREG20
FREG24
FREG28
CREG1
RDCPR
FREG1
FREG5
FREG9
FREG13
FREG17
FREG21
FREG25
FREG29
CREG2
TDAPR
FREG2
FREG6
FREG10
FREG14
FREG18
FREG22
FREG26
FREG30
CREG3
TDCPR
FREG3
FREG7
FREG11
FREG15
FREG19
FREG23
FREG27
FREG31
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More