Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST92F120JR6T Fiches technique(PDF) 113 Page - STMicroelectronics

No de pièce ST92F120JR6T
Description  8/16-BIT FLASH MCU FAMILY WITH RAM, EEPROM AND J1850 BLPD
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92F120JR6T Fiches technique(HTML) 113 Page - STMicroelectronics

Back Button ST92F120JR6T Datasheet HTML 109Page - STMicroelectronics ST92F120JR6T Datasheet HTML 110Page - STMicroelectronics ST92F120JR6T Datasheet HTML 111Page - STMicroelectronics ST92F120JR6T Datasheet HTML 112Page - STMicroelectronics ST92F120JR6T Datasheet HTML 113Page - STMicroelectronics ST92F120JR6T Datasheet HTML 114Page - STMicroelectronics ST92F120JR6T Datasheet HTML 115Page - STMicroelectronics ST92F120JR6T Datasheet HTML 116Page - STMicroelectronics ST92F120JR6T Datasheet HTML 117Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 320 page
background image
113/320
ST92F120 - RESET AND CLOCK CONTROL UNIT (RCCU)
7.7 STOP MODE
On ST9 devices provided with an external STOP
pin, the Reset/Stop Manager can also stop all os-
cillators without resetting the device.
To enter STOP Mode, the STOP pin must be tied
low. When the STOP pin is tied high again, the
MCU resumes execution of the program after a set
number of CLOCK2 cycles (refer to TSTR in the
Electrical Characteristics section), without losing
the status.
Note: If STOP Mode is entered, the clock is
stopped: hence, also the watchdog counter is
stopped. When the ST9 exits from STOP Mode,
the watchdog counter restarts from where it was
before STOP Mode was entered.
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More